Electronic Components Datasheet Search
  English  ▼

X  

152D Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 152D
Description  Solid-Electrolyte TANTALEX™ Capacitors, Extended Capacitance Values, Hermetically-Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152D Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 152D Datasheet HTML 3Page - Vishay Siliconix 152D Datasheet HTML 4Page - Vishay Siliconix 152D Datasheet HTML 5Page - Vishay Siliconix 152D Datasheet HTML 6Page - Vishay Siliconix 152D Datasheet HTML 7Page - Vishay Siliconix 152D Datasheet HTML 8Page - Vishay Siliconix 152D Datasheet HTML 9Page - Vishay Siliconix 152D Datasheet HTML 10Page - Vishay Siliconix 152D Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
152D
www.vishay.com
Vishay Sprague
Revision: 17-Aug-2020
8
Document Number: 40016
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE CHARACTERISTICS (Continued)
7.1
At +25 °C, the leakage current shall not exceed the
value listed in the Standard Ratings table.
7.2
At +85 °C, the leakage current shall not exceed
10 times the value listed in the Standard Ratings
table.
7.3
At +125 °C, the leakage current shall not exceed
15 times the value listed in the Standard Ratings
table.
8.
Life Test: capacitors shall withstand rated DC
voltage applied at +85 °C for 2000 h or rated DC
voltage applied at +125 °C for 1000 h.
8.1
Following the life test, the dissipation factor shall
meet the initial requirement; the capacitance change
shall not exceed ± 2 %; the leakage current shall not
exceed 125 % of the original requirement.
9.
Shelf Test: capacitors shall withstand a shelf test for
5000 h at a temperature of +85 °C, with no voltage
applied.
9.1
Following the shelf test, the leakage current shall
meet the initial requirement; the dissipation factor
shall not exceed 150 % of the initial requirement; the
capacitance change shall not exceed ± 5 %.
10.
Vibration Tests: capacitors shall be subjected to
vibration tests in accordance with the following
criteria.
10.1
Capacitors shall be secured for test by means of a
rigid mounting using suitable brackets.
10.2
Low Frequency Vibration: vibration shall consist of a
simple harmonic motion having an amplitude of
0.03" [0.76] and a maximum total excursion of 0.06"
[1.52], in a direction perpendicular to the major axis
of the capacitor.
10.2.1 Vibration
frequency
shall
be
varied
uniformly
between the approximate limits of 10 Hz to 55 Hz
during a period of approximately one minute,
continuously for 1 h and 1.5 h.
10.2.2 A cathode ray oscilloscope or other comparable
means shall be used in determining electrical
intermittency during the final 30 minutes of the test.
The AC voltage applied shall not exceed 2 VRMS.
10.2.3 Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
10.2.4 Following
the
low
frequency
vibration
test,
capacitors shall meet the original requirements for
leakage current and dissipation factor; capacitance
change shall not exceed ± 5 % of the original
measured value.
10.3
High Frequency Vibration: vibration shall consist of
a simple harmonic motion having an amplitude of
0.06" [1.52] ± 10 % maximum total excursion or 20 g
peak, whichever is less.
10.3.1 Vibration frequency shall be varied logarithmically
from 50 Hz to 2000 Hz and return to 50 Hz during a
cycle period of 20 min.
10.3.2 The vibration shall be applied for 4 h in each of
2 directions, parallel and perpendicular to the major
axis of the capacitors.
10.3.3 Rated DC voltage shall be applied during the
vibration cycling.
10.3.4 A cathode ray oscilloscope or other comparable
means shall be used in determining electrical
intermittency during test. The AC voltage applied
shall not exceed 2 VRMS.
10.3.5 Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
10.3.6 There shall be no mechanical damage to these
capacitors as a result of these tests.
10.3.7 Following
the
high
frequency
vibration
test,
capacitors
shall
meet
the
original
limits
for
capacitance, dissipation factor and leakage current.
11.
Acceleration Test:
11.1
Capacitors shall be rigidly mounted by means of
suitable brackets.
11.2
Capacitors
shall
be
subjected
to
a
constant
acceleration of 100 g for a period of 10 s in each of 2
mutually perpendicular planes.
11.2.1 The direction of motion shall be parallel to and
perpendicular
to
the
cylindrical
axis
of
the
capacitors.
11.3
Rated
DC
voltage
shall
be
applied
during
acceleration test.
11.3.1 A cathode ray oscilloscope or other comparable
means shall be used in determining electrical
intermittency during test. The AC voltage applied
shall not exceed 2 VRMS.
11.4
Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
11.5
There shall be no mechanical damage to these
capacitors as a result of these tests.
11.6
Following the acceleration test, capacitors shall meet
the original limits for capacitance, dissipation factor
and leakage current.
12.
Shock Test:
12.1
Capacitors shall be rigidly mounted by means of
suitable brackets. The test load shall be distributed
uniformly on the test platform to minimize the effects
of unbalanced loads.
12.1.1 Test equipment shall be adjusted to produce a shock
of 100 g peak with a duration of 6 ms and a sawtooth
waveform at a velocity change of 9.7 ft./s.
12.2
Capacitors shall be subjected to 3 shocks applied in
each of 3 directions corresponding to the 3 mutually
perpendicular axes of the capacitors.
12.3
Rated DC voltage shall be applied to capacitors
during test.
12.3.1 A cathode ray oscilloscope or other comparable
means shall be used in determining electrical
intermittency during test. The AC voltage applied
shall not exceed 2 VRMS.
12.4
Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
12.5
There shall be no mechanical damage to these
capacitors as a result of these tests.
12.6
Following the shock test, capacitors shall meet the
original limits for capacitance, dissipation factor and
leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com