Electronic Components Datasheet Search
  English  ▼

X  

MCP3562 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP3562
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3562 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP3562 Datasheet HTML 32Page - Microchip Technology MCP3562 Datasheet HTML 33Page - Microchip Technology MCP3562 Datasheet HTML 34Page - Microchip Technology MCP3562 Datasheet HTML 35Page - Microchip Technology MCP3562 Datasheet HTML 36Page - Microchip Technology MCP3562 Datasheet HTML 37Page - Microchip Technology MCP3562 Datasheet HTML 38Page - Microchip Technology MCP3562 Datasheet HTML 39Page - Microchip Technology MCP3562 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
MCP3561/2/4
DS20006181C-page 36
 2019-2021 Microchip Technology Inc.
5.3.1
ANALOG GAIN
The gain settings from 0.33x to 16x are done in the
analog domain. This analog gain is placed on each ADC
differential input. Each doubling of the gain improves the
thermal noise due to sampling by approximately 3 dB,
which means the lowest noise configuration is obtained
when using the highest analog gain. The SNR, however,
is degraded, since doubling the gain factor reduces the
maximum
allowable
input
signal
amplitude
by
approximately 6 dB.
If the gain is set to 0.33x, the differential input range
theoretically becomes ±3 * VREF. However, the device
does not support input voltages outside of the power
supply voltage range. If large reference voltages are
used with this gain, the input voltage range will be
clipped between AGND and AVDD, and therefore, the
output code span will be limited. This gain is useful
when the reference voltage is small and when the
input signal voltage is large.
The analog gain stage can be used to amplify very low
signals, but the differential input range of the
Delta-Sigma modulator must not be exceeded.
5.3.2
DIGITAL GAIN
When the gain setting is chosen from 16x to 64x, the
analog gain stays constant at 16x and the additional
gain is done in the digital domain by a simple shift and
round of the output code. The digital gain range is
between 1x and 4x.
The output noise is approximately unchanged (except
for the quantization noise, which is slightly decreased).
The SNR is thus degraded by 6 dB per octave from 16x
to 64x settings.
This digital gain is useful for scaling up the signals with-
out using the host device (MCU) operations, but they
degrade the SNR and resolution (1 bit per octave), and
do not significantly improve the noise performance,
except for very large OSR settings.
5.4
Delta-Sigma Modulator
5.4.1
ARCHITECTURE
The Delta-Sigma
 ADC includes a second-order
modulator with a multibit DAC architecture. Its 5-level
quantizer is a Flash ADC composed of four
comparators with equally spaced thresholds and a
thermometer output coding. The proprietary 5-level
architecture ensures minimum quantization noise at
the outputs of the modulators without disturbing the
linearity or inducing additional distortion.
Unlike most multibit DAC architectures, the 5-level
DAC used in this architecture is inherently linear, and
therefore, does not degrade the ADC linearity and THD
performance.
The sampling frequency is DMCLK; therefore, the
modulator outputs are refreshed at a DMCLK rate.
Figure 5-2 represents a simplified block diagram of the
Delta-Sigma modulator.
FIGURE 5-2:
Simplified Delta-Sigma ADC
Block Diagram.
5.4.2
MODULATOR OUTPUT BLOCK
The modulator output option enables users to apply
their own digital filtering on the output bit stream. By
setting IRQ_MODE[1] = 1 in the IRQ register, the mod-
ulator output is available at the IRQ/MDAT pin, at
AMCLK rate and also through the ADCDATA register
(0x0) with DMCLK rate. With this configuration, the
digital decimation filter is disabled in order to reduce
the current consumption and no data ready interrupt is
generated on any of the IRQ mechanisms. The
IRQ/MDAT pin is never placed in high-impedance
during the Modulator Output mode.
Since the Delta-Sigma modulator has a 5-level output
given by the state of four comparators with thermometer
coding, the output is represented using four bits, each bit
representing the state of the corresponding comparator
(see Table 5-4).
The comparator output bits are arranged serially at the
AMCLK rate on the IRQ/MDAT output pin (see
Figure 5-3).
This 1-bit serial bit stream is considered to be the same
one as it is produced by a 1-bit DAC modulator with a
sampling frequency of AMCLK. The modulator can
either be considered as a 5-level output at DMCLK rate
or as 1-bit output at AMCLK rate. These two represen-
tations are interchangeable. The MDAT outputs can,
therefore, be used in any application that requires 1-bit
modulator outputs. This application can be integrated
with an external sinc filter or more advanced decima-
tion filters that are computed in the MCU or DSP
device.
When CLK_SEL[1:0] = 11 (internal oscillator with
external clock output), the AMCLK clock is present on
the MCLK pin. This configuration allows a correct
synchronization of the bit stream when the internal
oscillator is used as the master clock source.
When CLK_SEL[1:0] = 00, the modulator outputs are
also synchronized with the MCLK input but the ratio
between MCLK and AMCLK must to be taken into
account in the user applications to correctly retrieve the
desired bit stream.
Differential Input
Voltage
(from Analog Mux)
Analog
2
nd Order
Loop
Filter
Output
Bitstream
Thermometer Coding
(to Digital Filter)
Delta-Sigma 2
nd Order 5-Level Modulator
4
Analog
Digital
5-Level DAC
Quantizer
5-Level Flash
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com