Electronic Components Datasheet Search
  English  ▼

X  

MCP3562 Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP3562
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3562 Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP3562 Datasheet HTML 68Page - Microchip Technology MCP3562 Datasheet HTML 69Page - Microchip Technology MCP3562 Datasheet HTML 70Page - Microchip Technology MCP3562 Datasheet HTML 71Page - Microchip Technology MCP3562 Datasheet HTML 72Page - Microchip Technology MCP3562 Datasheet HTML 73Page - Microchip Technology MCP3562 Datasheet HTML 74Page - Microchip Technology MCP3562 Datasheet HTML 75Page - Microchip Technology MCP3562 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
MCP3561/2/4
DS20006181C-page 72
 2019-2021 Microchip Technology Inc.
6.8
Interrupts Description
The MCP3561/2/4 devices incorporate multiple
interrupt mechanisms to be able to synchronize the
device with an MCU and to warn against external per-
turbations. There are four events that can generate
interrupt flags:
• Conversion Start
• Data Ready
•POR
• CRC Error on the Register Map Configuration
Additionally, there are three independent interrupt
mechanisms that allow the devices to be implemented
in many different applications and configurations. A
summary of the different mechanisms is available in
Table 6-3.
TABLE 6-3:
INTERRUPT DESCRIPTION SUMMARY TABLE
Interrupt Flag Type
Description
Clearing Procedure
STATUS Byte
Three Status bits (DR_STATUS,
CRCCFG_STATUS, POR_STATUS) are
latched together after device address
detection and clocked out during each
command on the SDO STATUS byte.
Cleared when STATUS byte clocking is finished
(on the last SCK falling edge).
IRQ Register Status Bits IRQ register Status bits can be read when
reading the address 0x5 (IRQ register).
The IRQ latching occurs at the beginning
of the IRQ register reading.
Cleared when the IRQ register reading is
finished (on the last SCK falling edge).
IRQ Pin State
• When IRQ_MODE[1] = 0, the IRQ pin
can be asserted to logic low by any of
the interrupts.
• When IRQ_MODE[1] = 1, only POR
and CRC interrupts can assert the
IRQ pin to logic low.
• Conversion start interrupt is automatically
cleared at the beginning of a new
conversion cycle after a TSTP timing.
• DR interrupt is cleared by the first SCK
falling edge of an ADC read or automatically
16 DMCLKs before a new data ready in
Continuous Conversion mode or in SCAN
mode.
• POR interrupt is cleared on the first CS
falling edge when both AVDD and DVDD
monitoring circuits detect that their power
supply is over their respective thresholds.
• CRCCFG interrupt is cleared when the
device is unlocked (writing 0xA5 to LOCK
register) or when a Fast command ADC
start/restart conversion is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com