Electronic Components Datasheet Search
  English  ▼

X  

MCP3562 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3562
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3562 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3562 Datasheet HTML 35Page - Microchip Technology MCP3562 Datasheet HTML 36Page - Microchip Technology MCP3562 Datasheet HTML 37Page - Microchip Technology MCP3562 Datasheet HTML 38Page - Microchip Technology MCP3562 Datasheet HTML 39Page - Microchip Technology MCP3562 Datasheet HTML 40Page - Microchip Technology MCP3562 Datasheet HTML 41Page - Microchip Technology MCP3562 Datasheet HTML 42Page - Microchip Technology MCP3562 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 39
MCP3561/2/4
FIGURE 5-5:
One-Shot Mode vs. Continuous Mode.
Since the converter is effectively doing two conversions
when the AZ_MUX bit is enabled, the conversion time
is equal to 2 * TCONV in this mode. As described in
Section 5.1.3 “ADC Offset Cancellation Algorithm”,
this selection is not compatible with the Continuous
Conversion mode, and therefore, the output data rate
is equal to 1/(2 * TCONV) in this mode.
Table 5-6 summarizes the possible filter settings and
their associated Conversion Time, TCONV, as well as
their output data rate (DRCLK) in Continuous mode.
When OSR is larger than 20480 for typical master clock
frequency, MCLK = 4.9152 MHz, the device includes
an additional 50/60 Hz rejection by aligning decimation
filter notches with a multiple of 50/60 Hz depending on
the OSR setting. The rejection band strongly depends
on the master clock accuracy and corresponds to a
first-order decimation filter rejection rate.
The high OSR settings can be used for applications
requiring very low noise and slow data rates.
Figure 5-6 shows the frequency response of the deci-
mation filter with default settings. Figure 5-7 represents
the frequency response of the filter with the highest
OSR settings and a line rejection at 60 Hz.
TCONV
One-Shot mode
Conversions are Serialized,
Filter is Reset After Each
Conversion
Group Delay: TCONV
Data Rate: 1/(TCONV)
Conversion1
TCONV
Continuous mode
Conversions are Pipelined,
Filter is Never Reset
Group Delay: TCONV
Data Rate: DRCLK
TCONV
Conversion2
TCONV
Conversion3
Conversion3
1/DRCLK
TCONV
Analog Input
Signal
Conversion1
Conversion2
TCONV = Settling Time
IRQ
ADC
Status
ADC
Status
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com