Electronic Components Datasheet Search
  English  ▼

X  

MCP3562 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3562
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3562 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3562 Datasheet HTML 9Page - Microchip Technology MCP3562 Datasheet HTML 10Page - Microchip Technology MCP3562 Datasheet HTML 11Page - Microchip Technology MCP3562 Datasheet HTML 12Page - Microchip Technology MCP3562 Datasheet HTML 13Page - Microchip Technology MCP3562 Datasheet HTML 14Page - Microchip Technology MCP3562 Datasheet HTML 15Page - Microchip Technology MCP3562 Datasheet HTML 16Page - Microchip Technology MCP3562 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 13
MCP3561/2/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, AVDD =3.3V, DVDD =3.3V, TA = +25°C, MCLK = 4.9152 MHz, VIN = -0.5 dBFS at
50 Hz, VREF =AVDD, ADC_MODE[1:0] = 11. All other registers are set to default value. Histogram ticks are centered at
their bin center.
FIGURE 2-1:
FFT Output Spectrum,
fin =50Hz.
FIGURE 2-2:
FFT Output Spectrum,
fin = 1 kHz.
FIGURE 2-3:
Output Noise Histogram.
FIGURE 2-4:
INL vs. Input Voltage.
FIGURE 2-5:
Output Noise vs. Input
Voltage.
FIGURE 2-6:
Maximum INL vs. Gain.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range), and therefore, outside the warranted range.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS at 50 Hz
FFT 16384 samples
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (Hz)
V
IN = -0.5 dBFS at 1 kHz
FFT 16384 samples
0
1000
2000
3000
4000
5000
6000
ADC Output Code (LS )
V
IN = 0V
Noise = 8.9
PV
RMS
CONV_MODE[1:0] =
11
64000 samples
Bin size = 4 LS
-6
-4
-2
0
2
4
6
-100
-50
0
50
100
Differential Input Voltage (% of V
REF)
AVDD=VREF=2.7V, -40°C
AVDD=VREF=2.7V, +125°C
AVDD=VREF=3.6V, -40°C
AVDD=VREF=3.6V, +125°C
Gain = 1x
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-100
-50
0
50
100
Differential Input Voltage (% of V
REF)
AVDD = VREF = 2.7V, -40°C
AVDD = VREF = 2.7V, +125°C
AVDD = VREF = 3.6V, -40°C
AVDD = VREF = 3.6V, +125°C
Gain = 1X
0
2
4
6
8
10
12
14
16
18
20
0.25
0.5
1
2
4
8
16
Analog Gain
AVDD = VREF = 2.7V, -40°C
AVDD = VREF = 2.7V, +125°C
AVDD = VREF = 3.6V, -40°C
AVDD = VREF = 3.6V, +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com