Electronic Components Datasheet Search
  English  ▼

X  

MCP3564 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 27Page - Microchip Technology MCP3564 Datasheet HTML 28Page - Microchip Technology MCP3564 Datasheet HTML 29Page - Microchip Technology MCP3564 Datasheet HTML 30Page - Microchip Technology MCP3564 Datasheet HTML 31Page - Microchip Technology MCP3564 Datasheet HTML 32Page - Microchip Technology MCP3564 Datasheet HTML 33Page - Microchip Technology MCP3564 Datasheet HTML 34Page - Microchip Technology MCP3564 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 31
MCP3561/2/4
5.0
DEVICE OVERVIEW
5.1
Analog Input Multiplexer
The device includes a fully configurable analog input
dual multiplexer that can select which input is
connected to each of the two differential input pins
(VIN+/VIN-) of the Delta-Sigma ADC.
The dual multiplexer is divided into two single-ended
multiplexers that are totally independent.
Each of these multiplexers includes the same
possibilities for the input selection, so that any required
combination of input voltages can be converted by the
ADC. The analog multiplexer is composed of parallel
low-resistance input switches turned on or off depend-
ing on the input channel selection. Their resistance is
negligible compared to the input impedance of the ADC
(caused by the charge and discharge of the input
sampling capacitors on the VIN+/VIN- ADC inputs). The
block diagram of the analog multiplexer is shown in
Figure 5-1.
FIGURE 5-1:
Simplified Analog Input Multiplexer Schematic.
Analog Input Dual Multiplexer
VIN+ Analog Multiplexer
Delta-Sigma ADC
VIN+
VIN-
VCM
TEMP diode P
MUX[7:4]
REFIN-
REFIN+
AVDD
AGND
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
MUX[3:0]
AVDD
ISOURCE
AGND
ISINK
AGND
CS_SEL[1:0]
CS_SEL[1:0]
AVDD
ITEMP+
MUX[7:4]
= 1101
REFIN-
REFIN+
AVDD
AGND
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
TEMP diode M
VIN- Analog Multiplexer
VCM
TEMP diode P
AGND
TEMP diode M
MUX[3:0]
= 1101
AVDD
ITEMP-
MUX[7:4]
= 1110
MUX[3:0]
=1110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com