Electronic Components Datasheet Search
  English  ▼

X  

MCP3564 Datasheet(PDF) 95 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 95 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 91Page - Microchip Technology MCP3564 Datasheet HTML 92Page - Microchip Technology MCP3564 Datasheet HTML 93Page - Microchip Technology MCP3564 Datasheet HTML 94Page - Microchip Technology MCP3564 Datasheet HTML 95Page - Microchip Technology MCP3564 Datasheet HTML 96Page - Microchip Technology MCP3564 Datasheet HTML 97Page - Microchip Technology MCP3564 Datasheet HTML 98Page - Microchip Technology MCP3564 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 95
MCP3561/2/4
9.0
PACKAGING INFORMATION
9.1
Package Marking Information(1)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note 1: In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
2: Denotes the device default SPI Address option. The device only responds to
SPI commands if CMD[7:6] matches the SPI device address for each
command (see Section 6.2.2 “Device Address Bits (CMD[7:6])”). Contact
Microchip Sales for other device address option ordering procedure.
3: The 20-lead TSSOP package allows up to eight characters per line as
shown here. Currently only seven characters are being used as shown in
the example.
3
e
3
e
Part Number
Code
SPI Device Address
MCP3561T-E/NC
AAA
01(2)
MCP3562T-E/NC
AAB
01(2)
MCP3564T-E/NC
AAC
01(2)
AAA
Example
PIN 1
2112
256
XXX
20-Lead UQFN (3 x 3 x 0.55 mm)
PIN 1
YYWW
NNN
MCP3564
Example
EST 256
2112
XXXXXXXX
XXXXXNNN
YYWW
3
e
20-Lead TSSOP (6.5 x 4.4 x 1 mm)(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com