Electronic Components Datasheet Search
  English  ▼

X  

MCP3564 Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 44Page - Microchip Technology MCP3564 Datasheet HTML 45Page - Microchip Technology MCP3564 Datasheet HTML 46Page - Microchip Technology MCP3564 Datasheet HTML 47Page - Microchip Technology MCP3564 Datasheet HTML 48Page - Microchip Technology MCP3564 Datasheet HTML 49Page - Microchip Technology MCP3564 Datasheet HTML 50Page - Microchip Technology MCP3564 Datasheet HTML 51Page - Microchip Technology MCP3564 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
MCP3561/2/4
DS20006181C-page 48
 2019-2021 Microchip Technology Inc.
FIGURE 5-10:
ADC Start-up Timer Timing Diagram.
5.11
Master Clock Selection/Internal
Oscillator
The device includes three possible clock modes for the
master clock generation. The Master Clock (MCLK) is
used by the ADC to perform conversions and is also used
by the digital portion to generate the different digital
timers. The clock mode selection is made through the
CLK_SEL[1:0] bits located in the CONFIG0 register. The
possible selections are described in Table 5-12.
The master clock is not propagated in the chip when the
chip enters the Full Shutdown mode (see Section 5.9
“Low-Power Shutdown Modes”). Any change to the
CLK_SEL bits creates a Reset and restart for the cur-
rently running conversions and a restart of the ADC setup
timer. Each Reset and restart resets all internal phases to
their default values and can lead to a possible temporary
duty cycle change at the clock output pin.
TABLE 5-12:
CLOCK SELECTION BITS
5.11.1
EXTERNAL MASTER CLOCK MODE
(CLK_SEL[1:0] = 0x)
The External Clock mode is used to input the MCLK
clock necessary for the ADC conversions and can
accept duty cycles with a large range since the clock is
redivided internally to generate the different internal
phases.
The external clock can be provided on the MCLK pin for
the MCP3561/2/4 devices.
5.11.2
INTERNAL OSCILLATOR
The device includes an internal RC-type oscillator
powered by the digital power supply (DVDD/DGND). The
frequency of this internal oscillator ranges from
3.3 MHz to 6.6 MHz. The oscillator is not trimmed in
production, therefore, the precision of the center
frequency is approximately ±30% from chip to chip.
The duty cycle of the internal oscillator is centered
around 50% and varies very slightly from chip to chip.
The internal oscillator has no Reset feature and keeps
running once selected.
ADC Start-up
Timer Decimal
Code
ADC_MODE
DMCLK
0x
1x
256
Continuous Clocking
1x
0
0x
Switching Between ADC_MODE = 10 and 11
has no Effect on the Timer
Timer Reset
ADC Ready to Convert
SPI
Write
ADC_M ODE = 1x
1X
Write
AD C_M ODE = 0x
Wri te
ADC _M ODE = 1x
Write
ADC_M ODE = 1x
Timer Reset
Timer
Countdown
CLK_SEL[1:0]
Clock Mode
MCLK Pin
00 or 01
External clock
MCLK digital input
10
Internal RC
Oscillator,
no clock output
High-Z
11
Internal RC
Oscillator with
clock output
AMCLK digital
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com