Electronic Components Datasheet Search
  English  ▼

X  

MCP3564 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 45Page - Microchip Technology MCP3564 Datasheet HTML 46Page - Microchip Technology MCP3564 Datasheet HTML 47Page - Microchip Technology MCP3564 Datasheet HTML 48Page - Microchip Technology MCP3564 Datasheet HTML 49Page - Microchip Technology MCP3564 Datasheet HTML 50Page - Microchip Technology MCP3564 Datasheet HTML 51Page - Microchip Technology MCP3564 Datasheet HTML 52Page - Microchip Technology MCP3564 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 49
MCP3561/2/4
5.11.3
INTERNAL MASTER CLOCK
MODES (CLK_SEL[1:0] = 1x)
When CLK_SEL[1] = 1, the internal oscillator is
selected and the master clock is generated internally.
The internal oscillator has no Reset feature and
continues to run once selected. The master clock
generation is independent of the ADC as the clock can
still be generated even if the ADC is in ADC Shutdown
mode. The internal oscillator is only disabled when
CLK_SEL[1:0] = 0x. The clock can be distributed to the
dedicated output pin depending on the CLK_SEL[0] bit.
When the clock output is selected (CLK_SEL[0] = 1),
the AMCLK
clock
derived
from
the
MCLK
(AMCLK = MCLK/PRESCALE) is available on the
output pin. The AMCLK output can serve as the clock
pin to synchronize the modulator output or other
MCP3561/2/4 devices that are configured with
CLK_SEL[1:0] = 00 or 01.
The AMCLK output is available on the MCLK clock
output pin as soon as the Write command
(CLK_SEL[1:0] = 11) is finished.
5.12
Digital System Offset and Gain
Calibrations
The MCP3561/2/4 devices include a digital calibration
feature for offset and gain errors. The calibration
scheme for offset error consists of the addition of a
fixed offset value to the ADC output code (ADCDATA at
address: 0x0). The offset value added (OFFSETCAL)
is determined in the OFFSETCAL register (address:
0x9). The calibration scheme for gain error consists of
the multiplication of a fixed gain value to the ADCDATA
code. The gain value (GAINCAL) multiplied is
determined in the GAINCAL register (address: 0xA).
The digital offset and gain calibration schemes are
enabled or disabled via the EN_OFFCAL and
EN_GAINCAL control bits of the CONFIG3 register.
When both calibration control bits are enabled
(EN_OFFCAL = EN_GAINCAL = 1), the ADCDATA
register is modified with the digital offset and gain cali-
bration schemes, as described in Equation 5-6. When
a calibration enable bit is off, its corresponding register
becomes a Don’t Care register and the corresponding
calibration is not performed.
EQUATION 5-6:
ADCDATA OUTPUT
AFTER DIGITAL GAIN
AND OFFSET ERROR
CALIBRATION
The calculations are performed internally with proper
management of overloading, so that the overload
detection is done on the output result only and not on
the intermediate results. A sufficient number of addi-
tional overload bits are maintained and propagated
internally to overcome all possible overload and/or
overload recovery situations.
For example, if ADCDATA (pre-calibration) + OFFSETCAL
is out of bounds, but (ADCDATA (pre-calibration) +
OFFSETCAL) x GAINCAL is still in the right range
(possible with 0 < GAINCAL < 1), the result is not
saturated.
5.12.1
DIGITAL OFFSET ERROR
CALIBRATION
The
Offset
Calibration
register
(OFFSETCAL,
address: 0x9) is a signed MSb first, two’s complement
coding, 24-bit register that holds the digital offset
calibration value, OFFSETCAL. The OFFSETCAL
equivalent input voltage value is calculated with
Equation 5-7.
EQUATION 5-7:
OFFSETCAL
CALIBRATION VALUE
(EQUIVALENT INPUT
VOLTAGE)
For the MCP3561/2/4 devices, the offset calibration is
done by adding the OFFSETCAL[23:0] calibration
value to the ADCDATA code bit-by-bit.
The offset calibration value range in equivalent voltage
is [-VREF/GAIN; (+VREF – 1 LSb)/GAIN], which can
cancel any possible offset in the ADC but also in the
system. The offset calibration is realized with a simple
24-bit signed adder and is instantaneous (no pipeline
delay). Enabling the offset calibration will affect the
next conversion result; the conversion result already
held in the ADCDATA register (0x0) is not modified
when the EN_OFFCAL is set to ‘1’, but the next one
will take the offset calibration into account. Changing
the OFFSETCAL register to a new value will not affect
the current ADCDATA value, but the next one (after a
data ready interrupt) will take the new OFFSETCAL
value into account. Figure 5-11 presents the different
cases and their impact on the ADCDATA register and
the IRQ output.
ADCDATA (post-calibration) =
[ADCDATA (pre-calibration) + OFFSETCAL] x GAINCAL
OFFSETCAL (V) = VREF x (OFFSETCAL[23:0]
signed decimal code)/(8388608 x GAIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com