Electronic Components Datasheet Search
  English  ▼

X  

MCP3461 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3461
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3461 Datasheet HTML 14Page - Microchip Technology MCP3461 Datasheet HTML 15Page - Microchip Technology MCP3461 Datasheet HTML 16Page - Microchip Technology MCP3461 Datasheet HTML 17Page - Microchip Technology MCP3461 Datasheet HTML 18Page - Microchip Technology MCP3461 Datasheet HTML 19Page - Microchip Technology MCP3461 Datasheet HTML 20Page - Microchip Technology MCP3461 Datasheet HTML 21Page - Microchip Technology MCP3461 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
MCP3461/2/4
DS20006180D-page 18
 2019-2021 Microchip Technology Inc.
Note: Unless otherwise indicated, AVDD =3.3V, DVDD =3.3V, TA = +25°C, MCLK = 4.9152 MHz, VIN = -0.5 dBFS at
50 Hz, VREF =AVDD, ADC_MODE = 11. All other registers are set to default value. Histogram ticks are centered at their
bin center.
FIGURE 2-31:
Gain Error vs. Temperature.
FIGURE 2-32:
Temperature Sensor
Accuracy vs. Temperature (First-Order Best Fit).
FIGURE 2-33:
Temperature Sensor
Accuracy vs. Temperature (Third-Order Best Fit).
FIGURE 2-34:
Differential Input Impedance
vs. MCLK.
FIGURE 2-35:
ADC Output Code vs.
Differential Input Impedance, Burnout Current
Sources Enabled.
FIGURE 2-36:
Current Consumption vs.
MCLK.
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
Temperature (°C)
GAIN=0.33
GAIN=1
GAIN=2
GAIN=4
GAIN=8
AV
DD=3.3V
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (°C)
9 devices x 3 lots
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (°C)
9 devices x 3 lots
1
10
100
1000
10000
125
5
MCLK Frequency (MHz)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
10
100
1000
10000
1
100
10000
1000000 100000000
Differential Input Impedance (Ohm)
CS_SEL = 01
CS_SEL = 10
CS_SEL = 11
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
5
10
15
20
MCLK Frequency (MHz)
DI
DD
AI
DD BOOST=2x
AI
DD BOOST=1x
AI
DD BOOST=0.66x
AI
DD BOOST=0.5x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com