Electronic Components Datasheet Search
  English  ▼

X  

MCP3461 Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP3461
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461 Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP3461 Datasheet HTML 73Page - Microchip Technology MCP3461 Datasheet HTML 74Page - Microchip Technology MCP3461 Datasheet HTML 75Page - Microchip Technology MCP3461 Datasheet HTML 76Page - Microchip Technology MCP3461 Datasheet HTML 77Page - Microchip Technology MCP3461 Datasheet HTML 78Page - Microchip Technology MCP3461 Datasheet HTML 79Page - Microchip Technology MCP3461 Datasheet HTML 80Page - Microchip Technology MCP3461 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 77
MCP3461/2/4
7.0
BASIC APPLICATION
CONFIGURATION
The MCP3461/2/4 devices can be used for various
precision Analog-to-Digital Converter applications. The
flexibility of its usage is given by the possibility of
configuring the ADC to fit the required application.
7.1
Typical Application for Absolute
Voltage Measurement
One application of MCP3461/2/4 is to measure the
signal provided by the sensors with absolute voltage
output. For such applications, the MCP3461/2/4 will
rely on an external voltage reference. Figure 7-1
provides an example that uses the MCP3464 ADC with
MCP1501 external voltage reference. For best perfor-
mance, an RC filter and operational amplifier have
been placed between the OUT pin of the MCP1501
voltage reference and the REFIN+ input of the
MCP3464.
FIGURE 7-1:
MCP3464 Application Example Schematic.
The ADC can be used either in differential or
Single-Ended mode, thanks to the internal dual
multiplexer (Figure 5-1). The user can select the input
connection
settings
from
the
MUX
register
(Section 8.7 “MUX Register”) by using the different
settings available on the positive and negative inputs of
the ADC. The single-ended configuration is achieved
by selecting AGND for the VIN- input of the ADC
(MUX[3:0] = 1000) or by selecting any CHn input chan-
nel for VIN- and connecting the corresponding CHn
input channel to AGND.
7.1.1
HIGH-SIDE AND LOW-SIDE
CURRENT SENSING
The ADC has the ability to perform differential
measurements with analog input Common-mode equal
to or slightly larger than AVDD, or equal to or slightly lower
than AGND (see the Electrical Characteristics table).
The user must use a differential input structure and
Kelvin connection to achieve the most accurate
measurements. An anti-aliasing filter is required to
avoid aliasing of the oversampling frequency (DMCLK)
back into the baseband of the input signal and possible
corruption of the output data. Figure 7-1 provides an
example of an anti-aliasing filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com