Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments PCM1820 Datasheet HTML 13Page - Texas Instruments PCM1820 Datasheet HTML 14Page - Texas Instruments PCM1820 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 ×
fS, TDM slave mode, PLL on, DRE_LVL = –36 dB, channel gain = 0 dB, and linear phase decimation filter (unless otherwise
noted); all performance measurements are done with a 20-kHz, low-pass filter, and an A-weighted filter
Input Amplitude (dB)
-130
-115
-100
-85
-70
-55
-40
-25
-10
0
-130
-120
-110
-100
-90
-80
-70
-60
THD+
D001
Channel-1
Channel-2
Figure 7-13. PCM1821: THD+N vs Input Amplitude
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-130
-120
-110
-100
-90
-80
-70
-60
D002
Channel-1
Channel-2
Figure 7-14. PCM1821: THD+N vs Input Frequency
With a –60-dBr Input
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-130
-120
-110
-100
-90
-80
-70
-60
D003
Channel-1
Channel-2
Figure 7-15. PCM1821: THD+N vs Input Frequency
With a –1-dBr Input
Frequency (Hz)
20 30
50 70 100
200300 500 1000 2000
5000 10000 20000
100000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
Freq
D004
Channel-1
Channel-2
Figure 7-16. PCM1821: Frequency Response
With a –12-dBr Input
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-130
-120
-110
-100
-90
-80
-70
-60
D005
Channel-1
Channel-2
Figure 7-17. PCM1821: Power-Supply Rejection Ratio vs
Ripple Frequency With a 100-mVPP Amplitude
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D006
Channel-1
Channel-2
Figure 7-18. PCM1821: FFT With Idle Input
www.ti.com
PCM1820, PCM1821
SBASA61A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: PCM1820 PCM1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com