Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 17Page - Texas Instruments PCM1820 Datasheet HTML 18Page - Texas Instruments PCM1820 Datasheet HTML 19Page - Texas Instruments PCM1820 Datasheet HTML 20Page - Texas Instruments PCM1820 Datasheet HTML 21Page - Texas Instruments PCM1820 Datasheet HTML 22Page - Texas Instruments PCM1820 Datasheet HTML 23Page - Texas Instruments PCM1820 Datasheet HTML 24Page - Texas Instruments PCM1820 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
8.3.6.2.1.4 Sampling Rate: 32 kHz or 29.4 kHz
Figure 8-13 and Figure 8-14 respectively show the magnitude response and the pass-band ripple for a
decimation filter with a sampling rate of 32 kHz or 29.4 kHz. Table 8-11 lists the specifications for a decimation
filter with an 32-kHz or 29.4-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
Figure 8-13. Linear Phase Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D001
Figure 8-14. Linear Phase Decimation Filter Pass-
Band Ripple
Table 8-11. Linear Phase Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.454 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.58 × fS to 4 × fS
73.7
dB
Frequency range is 4 × fS onwards
107.2
Group delay or latency
Frequency range is 0 to 0.454 × fS
16.9
1/fS
8.3.6.2.1.5 Sampling Rate: 48 kHz or 44.1 kHz
Figure 8-15 and Figure 8-16 respectively show the magnitude response and the pass-band ripple for a
decimation filter with a sampling rate of 48 kHz or 44.1 kHz. Table 8-12 lists the specifications for a decimation
filter with an 48-kHz or 44.1-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
Figure 8-15. Linear Phase Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D001
Figure 8-16. Linear Phase Decimation Filter Pass-
Band Ripple
Table 8-12. Linear Phase Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.454 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.58 × fS to 4 × fS
73.8
dB
Frequency range is 4 × fS onwards
98.1
Group delay or latency
Frequency range is 0 to 0.454 × fS
17.1
1/fS
www.ti.com
PCM1820, PCM1821
SBASA61A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: PCM1820 PCM1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com