Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments PCM1820 Datasheet HTML 13Page - Texas Instruments PCM1820 Datasheet HTML 14Page - Texas Instruments PCM1820 Datasheet HTML 15Page - Texas Instruments PCM1820 Datasheet HTML 16Page - Texas Instruments PCM1820 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
8 Detailed Description
8.1 Overview
The PCM182x is a high-performance, low-power, stereo-channel, audio analog-to-digital converter (ADC) with
flexible audio interface control options. This device is intended for applications in voice-activated systems,
AV receivers, tv and blu-ray players, professional microphones, audio conferencing, portable computing,
communication, and entertainment applications. The high dynamic range of the device enables far-field audio
recording with high fidelity. This device integrates a host of features that reduces cost, board space, and power
consumption in space-constrained, battery-powered, consumer, home, and industrial applications. The device
features are controlled through hardware by pulling pins high or low with resistors or a controller general-purpose
inut/output (GPIO). The PCM182x also supports a power-down and reset function by means of halting the
system clock.
The PCM182x consists of the following blocks and features:
• Stereo-channel, multibit, high-performance delta-sigma (ΔΣ) ADC
• Differential audio inputs with a 2-VRMS full-scale signal
• Hardware pin control operation to select the device features
• Audio bus serial interface master or slave select option
• Audio bus serial interface format select option
• Slave mode supports the audio bus serial interface up to 192 kHz sampling
• Slave mode supports a dynamic range enhancer (DRE) with 123-dB dynamic range for the PCM1820
• Slave mode supports decimation filters with linear-phase or low-latency filter selection
• Master mode operation supported using a system clock of 256 × fS or 512 × fS
• Power-down function by means of halting the audio clocks
• Integrated high-pass filter (HPF) that removes the DC component of the input signal
• Integrated low-jitter phase-locked loop (PLL) supporting a wide range of system clocks
• Integrated digital and analog voltage regulators to support single-supply, 3.3-V operation
8.2 Functional Block Diagram
www.ti.com
PCM1820, PCM1821
SBASA61A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: PCM1820 PCM1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com