Electronic Components Datasheet Search
  English  ▼

X  

PCMD3140IRTER Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 39Page - Texas Instruments PCMD3140IRTER Datasheet HTML 40Page - Texas Instruments PCMD3140IRTER Datasheet HTML 41Page - Texas Instruments PCMD3140IRTER Datasheet HTML 42Page - Texas Instruments PCMD3140IRTER Datasheet HTML 43Page - Texas Instruments PCMD3140IRTER Datasheet HTML 44Page - Texas Instruments PCMD3140IRTER Datasheet HTML 45Page - Texas Instruments PCMD3140IRTER Datasheet HTML 46Page - Texas Instruments PCMD3140IRTER Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 106 page
background image
7.3.6.7.3.2 Sampling Rate: 22.05 kHz to 24 kHz
Figure 7-51 shows the magnitude response and Figure 7-52 shows the pass-band ripple and phase deviation
for a decimation filter with a sampling rate of 22.05 kHz to 24 kHz. Table 7-35 lists the specifications for a
decimation filter with a 22.05-kHz to 24-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D003
Figure 7-51. Ultra-Low-Latency Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-25
-0.4
-20
-0.3
-15
-0.2
-10
-0.1
-5
0
0
0.1
5
0.2
10
0.3
15
0.4
20
0.5
25
D003
Pass-Band Ripple
Phase Deviation
Figure 7-52. Ultra-Low-Latency Decimation Filter
Pass-Band Ripple and Phase Deviation
Table 7-35. Ultra-Low-Latency Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.46 × fS
–0.01
0.01
dB
Stop-band attenuation
Frequency range is 0.6 × fS onwards
87.1
dB
Group delay or latency
Frequency range is 0 to 0.325 × fS
4.1
1/fS
Group delay deviation
Frequency range is 0 to 0.325 × fS
–0.514
0.514
1/fS
Phase deviation
Frequency range is 0 to 0.325 × fS
–10.0
14.3
Degrees
7.3.6.7.3.3 Sampling Rate: 29.4 kHz to 32 kHz
Figure 7-53 shows the magnitude response and Figure 7-54 shows the pass-band ripple and phase deviation for
a decimation filter with a sampling rate of 29.4 kHz to 32 kHz. Table 7-36 lists the specifications for a decimation
filter with a 29.4-kHz to 32-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D003
Figure 7-53. Ultra-Low-Latency Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-25
-0.4
-20
-0.3
-15
-0.2
-10
-0.1
-5
0
0
0.1
5
0.2
10
0.3
15
0.4
20
0.5
25
D003
Pass-Band Ripple
Phase Deviation
Figure 7-54. Ultra-Low-Latency Decimation Filter
Pass-Band Ripple and Phase Deviation
www.ti.com
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com