Electronic Components Datasheet Search
  English  ▼

X  

PCMD3140IRTER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 4Page - Texas Instruments PCMD3140IRTER Datasheet HTML 5Page - Texas Instruments PCMD3140IRTER Datasheet HTML 6Page - Texas Instruments PCMD3140IRTER Datasheet HTML 7Page - Texas Instruments PCMD3140IRTER Datasheet HTML 8Page - Texas Instruments PCMD3140IRTER Datasheet HTML 9Page - Texas Instruments PCMD3140IRTER Datasheet HTML 10Page - Texas Instruments PCMD3140IRTER Datasheet HTML 11Page - Texas Instruments PCMD3140IRTER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
6.6 Timing Requirements: I2C Interface
at TA = 25°C, IOVDD = 3.3 V or 1.8 V (unless otherwise noted); see Figure 6-1 for timing diagram
MIN
NOM
MAX
UNIT
STANDARD-MODE
fSCL
SCL clock frequency
0
100
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock pulse is
generated.
4
μs
tLOW
Low period of the SCL clock
4.7
μs
tHIGH
High period of the SCL clock
4
μs
tSU;STA
Setup time for a repeated START condition
4.7
μs
tHD;DAT
Data hold time
0
3.45
μs
tSU;DAT
Data setup time
250
ns
tr
SDA and SCL rise time
1000
ns
tf
SDA and SCL fall time
300
ns
tSU;STO
Setup time for STOP condition
4
μs
tBUF
Bus free time between a STOP and START condition
4.7
μs
FAST-MODE
fSCL
SCL clock frequency
0
400
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock pulse is
generated.
0.6
μs
tLOW
Low period of the SCL clock
1.3
μs
tHIGH
High period of the SCL clock
0.6
μs
tSU;STA
Setup time for a repeated START condition
0.6
μs
tHD;DAT
Data hold time
0
0.9
μs
tSU;DAT
Data setup time
100
ns
tr
SDA and SCL rise time
20
300
ns
tf
SDA and SCL fall time
20 ×
(IOVDD / 5.5
V)
300
ns
tSU;STO
Setup time for STOP condition
0.6
μs
tBUF
Bus free time between a STOP and START condition
1.3
μs
FAST-MODE PLUS
fSCL
SCL clock frequency
0
1000
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock pulse is
generated.
0.26
μs
tLOW
Low period of the SCL clock
0.5
μs
tHIGH
High period of the SCL clock
0.26
μs
tSU;STA
Setup time for a repeated START condition
0.26
μs
tHD;DAT
Data hold time
0
μs
tSU;DAT
Data setup time
50
ns
tr
SDA and SCL rise time
120
ns
tf
SDA and SCL fall time
20 ×
(IOVDD / 5.5
V)
120
ns
tSU;STO
Setup time for STOP condition
0.26
μs
tBUF
Bus free time between a STOP and START condition
0.5
μs
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com