Electronic Components Datasheet Search
  English  ▼

X  

PCMD3140IRTER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 2Page - Texas Instruments PCMD3140IRTER Datasheet HTML 3Page - Texas Instruments PCMD3140IRTER Datasheet HTML 4Page - Texas Instruments PCMD3140IRTER Datasheet HTML 5Page - Texas Instruments PCMD3140IRTER Datasheet HTML 6Page - Texas Instruments PCMD3140IRTER Datasheet HTML 7Page - Texas Instruments PCMD3140IRTER Datasheet HTML 8Page - Texas Instruments PCMD3140IRTER Datasheet HTML 9Page - Texas Instruments PCMD3140IRTER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, PDMCLKx = 64 × fS, 32-bit audio
data, BCLK = 256 × fS, TDM slave mode, and PLL on (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output data sample rate
Programmable
7.35
768
kHz
Output data sample word
length
Programmable
16
32
Bits
Digital high-pass filter cutoff
frequency
First-order IIR filter with programmable coefficients,
–3-dB point (default setting)
12
Hz
MICROPHONE BIAS
MICBIAS noise
BW = 20 Hz to 20 kHz, A-weighted, 1-μF capacitor
between MICBIAS and AVSS
2.1
µVRMS
MICBIAS voltage
MICBIAS programmed to VREF and VREF programmed
to either 2.75 V, 2.5 V, or 1.375 V
VREF
V
MICBIAS voltage
MICBIAS programmed to VREF × 1.096 and VREF
programmed to either 2.75 V, 2.5 V, or 1.375 V
VREF ×
1.096
V
MICBIAS voltage
Bypass to AVDD with 5-mA load
AVDD – 0.2
V
MICBIAS current drive
5
mA
MICBIAS load regulation
MICBIAS programmed to either VREF or VREF × 1.096,
measured up to max load
0
0.6
1
%
MICBIAS overcurrent
protection threshold
6.1
mA
DIGITAL I/O
VIL
Low-level digital input logic
voltage threshold
All digital pins except PDMDIN1_GPI1, PDMDIN2_GPI2,
SDA and SCL, IOVDD 1.8-V operation
–0.3
0.35 ×
IOVDD
V
All digital pins except PDMDIN1_GPI1, PDMDIN2_GPI2,
SDA and SCL, IOVDD 3.3-V operation
–0.3
0.8
VIH
High-level digital input logic
voltage threshold
All digital pins except PDMDIN1_GPI1, PDMDIN2_GPI2,
SDA and SCL, IOVDD 1.8-V operation
0.65 ×
IOVDD
IOVDD + 0.3
V
All digital pins except PDMDIN1_GPI1, PDMDIN2_GPI2,
SDA and SCL, IOVDD 3.3-V operation
2
IOVDD + 0.3
VOL
Low-level digital output
voltage
All digital pins except PDMCLK_GPO1, SDA and SCL,
IOL = –2 mA, IOVDD 1.8-V operation
0.45
V
All digital pins except PDMCLK_GPO1, SDA and SCL,
IOL = –2 mA, IOVDD 3.3-V operation
0.4
VOH
High-level digital output
voltage
All digital pins except PDMCLK_GPO1, SDA and SCL,
IOH = 2 mA, IOVDD 1.8-V operation
IOVDD –
0.45
V
All digital pins except PDMCLK_GPO1, SDA and SCL,
IOH = 2 mA, IOVDD 3.3-V operation
2.4
VIL(I2C)
Low-level digital input logic
voltage threshold
SDA and SCL
–0.5
0.3 x IOVDD
V
VIH(I2C)
High-level digital input logic
voltage threshold
SDA and SCL
0.7 x IOVDD
IOVDD + 0.5
V
VOL1(I2C)
Low-level digital output
voltage
SDA, IOL(I2C) = –3 mA, IOVDD > 2 V
0.4
V
VOL2(I2C)
Low-level digital output
voltage
SDA, IOL(I2C) = –2 mA, IOVDD ≤ 2 V
0.2 x IOVDD
V
IOL(I2C)
Low-level digital output
current
SDA, VOL(I2C) = 0.4 V, standard-mode or fast-mode
3
mA
SDA, VOL(I2C) = 0.4 V, fast-mode plus
20
IIH
Input logic-high leakage for
digital inputs
All digital pins except PDMDIN1_GPI1, PDMDIN2_GPI2
pins,
input = IOVDD
–5
0.1
5
µA
IIL
Input logic-low leakage for
digital inputs
All digital pins except PDMDIN1_GPI1, PDMDIN2_GPI2
pins,
input = 0 V
–5
0.1
5
µA
VIL(GPIx)
Low-level digital input logic
voltage threshold
PDMDIN1_GPI1, PDMDIN2_GPI2 digital pins, AVDD
1.8-V operation
–0.3
0.35 × AVDD
V
PDMDIN1_GPI1, PDMDIN2_GPI2 digital pins, AVDD
3.3-V operation
–0.3
0.8
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com