Electronic Components Datasheet Search
  English  ▼

X  

PCMD3140IRTER Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140IRTER
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER Datasheet(HTML) 93 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 89Page - Texas Instruments PCMD3140IRTER Datasheet HTML 90Page - Texas Instruments PCMD3140IRTER Datasheet HTML 91Page - Texas Instruments PCMD3140IRTER Datasheet HTML 92Page - Texas Instruments PCMD3140IRTER Datasheet HTML 93Page - Texas Instruments PCMD3140IRTER Datasheet HTML 94Page - Texas Instruments PCMD3140IRTER Datasheet HTML 95Page - Texas Instruments PCMD3140IRTER Datasheet HTML 96Page - Texas Instruments PCMD3140IRTER Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 106 page
background image
8.2.1.1 Design Requirements
The supply decoupling capacitors used must be ceramic with low ESR. Table 8-1 lists the design parameters for
this application.
Table 8-1. Design Parameters
KEY PARAMETER
SPECIFICATION
AVDD
3.3 V
AVDD supply current consumption
10 mA (PLL on, four-channel recording, fS = 48 kHz, PDMCLKx = 64 × fS)
IOVDD
1.8 V or 3.3 V
8.2.1.2 Detailed Design Procedure
This section describes the necessary steps to configure the PCMD3140 for this specific application. The
following steps provide a sequence of items that must be executed in the time between powering the device
up and reading data from the device or transitioning from one mode to another mode of operation.
1. Apply power to the device:
a. Power-up the IOVDD and AVDD power supplies
b. Wait for at least 1 ms to allow the device to initialize the internal registers initialization
c. The device now goes into sleep shutdown mode (low-power mode < 10 µA)
2. Transition from sleep mode to active mode whenever required for the recording operation:
a. Wake up the device by writing to P0_R2 to disable sleep mode
b. Wait for at least 1 ms to allow the device to complete the internal wake-up sequence
c. Override the default configuration registers or programmable coefficients value as required (this step is
optional)
d. Configure channel 1 to channel 2 (CHx_INSRC) for the digital microphone as the input source for
recording
e. Configure GPO1 (GPO1_CFG) and GPIO1 (GPIO1_CFG) as the PDMCLK output
f.
Configure GPIx (GPI1x_CFG) as PDMDINx
g. Enable all desired input channels by writing to P0_R115
h. Enable all desired audio serial interface output channels by writing to P0_R116
i.
Power-up the PDM converter and PLL by writing to P0_R117
j.
Apply FSYNC and BCLK with the desired output sample rates and the BCLK to FSYNC ratio
This specific step can be done at any point in the sequence after step a.
See the Phase-Locked Loop (PLL) and Clock Generation section for supported sample rates and the
BCLK to FSYNC ratio.
k. The device recording data is now sent to the host processor using the TDM audio serial data bus
3. Transition from active mode to sleep mode (again) as required in the system for low-power operation:
a. Enter sleep mode by writing to P0_R2 to enable sleep mode
b. Wait at least 6 ms (when FSYNC = 48 kHz) for the volume to ramp down and for all blocks to power
down
c. Read P0_R119 to check the device shutdown and sleep mode status
d. If the device P0_R119_D7 status bit is 1'b1 then stop FSYNC and BCLK in the system
e. The device now goes into sleep mode (low-power mode < 10 µA) and retains all register values
4. Transition from sleep mode to active mode (again) as required for the recording operation:
a. Wake up the device by writing to P0_R2 to disable sleep mode
b. Wait at least 1 ms to allow the device to complete the internal wake-up sequence
c. Apply FSYNC and BCLK with the desired output sample rates and the BCLK to FSYNC ratio
d. The device recording data are now sent to the host processor using the TDM audio serial data bus
5. Repeat step 3 and step 4 as required for mode transitions and step 2 to step 4 for configuration changes.
www.ti.com
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
93
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com