Electronic Components Datasheet Search
  English  ▼

X  

REF3430 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3430 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF3430 Datasheet HTML 9Page - Texas Instruments REF3430 Datasheet HTML 10Page - Texas Instruments REF3430 Datasheet HTML 11Page - Texas Instruments REF3430 Datasheet HTML 12Page - Texas Instruments REF3430 Datasheet HTML 13Page - Texas Instruments REF3430 Datasheet HTML 14Page - Texas Instruments REF3430 Datasheet HTML 15Page - Texas Instruments REF3430 Datasheet HTML 16Page - Texas Instruments REF3430 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
8 Parameter Measurement Information
8.1 Solder Heat Shift
The materials used in the manufacture of the REF34xx have differing coefficients of thermal expansion, resulting
in stress on the device die when the part is heated. Mechanical and thermal stress on the device die can cause
the output voltages to shift, degrading the initial accuracy specifications of the product. Reflow soldering is a
common cause of this error.
In order to illustrate this effect, a total of 32 devices were soldered on 2 printed circuit boards [16 devices on
each printed circuit board (PCB)] using lead-free solder paste and the paste manufacturer suggested reflow
profile. The reflow profile is as shown in Figure 8-1. The printed circuit board is comprised of FR4 material. The
board thickness is 1.65 mm and the area is 114 mm × 152 mm.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
Figure 8-1. Reflow Profile
The reference output voltage is measured before and after the reflow process; the typical shift is displayed in
Figure 8-2. Although all tested units exhibit very low shifts (< 0.01%), higher shifts are also possible depending
on the size, thickness, and material of the printed circuit board. An important note is that the histograms display
the typical shift for exposure to a single reflow profile. Exposure to multiple reflows, as is common on PCBs
with surface-mount components on both sides, causes additional shifts in the output bias voltage. If the PCB is
exposed to multiple reflows, the device must be soldered in the last pass to minimize its exposure to thermal
stress.
Solder Heat Shift (%)
0
10%
20%
30%
40%
50%
D017
Figure 8-2. Solder Heat Shift Distribution, VOUT (%)
www.ti.com
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com