Electronic Components Datasheet Search
  English  ▼

X  

REF3430 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3430 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF3430 Datasheet HTML 13Page - Texas Instruments REF3430 Datasheet HTML 14Page - Texas Instruments REF3430 Datasheet HTML 15Page - Texas Instruments REF3430 Datasheet HTML 16Page - Texas Instruments REF3430 Datasheet HTML 17Page - Texas Instruments REF3430 Datasheet HTML 18Page - Texas Instruments REF3430 Datasheet HTML 19Page - Texas Instruments REF3430 Datasheet HTML 20Page - Texas Instruments REF3430 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
9 Detailed Description
9.1 Overview
The REF34xx is family of low-noise, precision bandgap voltage references that are specifically designed for
excellent initial voltage accuracy and drift. The Section 9.2 is a simplified block diagram of the REF34xx showing
basic band-gap topology.
9.2 Functional Block Diagram
Bandgap
core
Buffer
Digital
Enable
Blocks
Inrush
EN
IN
GNDF
OUTS
Current
Vdd
GNDS
OUTF
Limit
9.3 Feature Description
9.3.1 Supply Voltage
The REF34xx family of references features an extremely low dropout voltage. For loaded conditions, a typical
dropout voltage versus load is shown on the front page. The REF34xx features a low quiescent current that
is extremely stable over changes in both temperature and supply. The typical room temperature quiescent
current is 72 μA, and the maximum quiescent current over temperature is just 95 μA. Supply voltages below the
specified levels can cause the REF34xx to momentarily draw currents greater than the typical quiescent current.
Use a power supply with a fast rising edge and low output impedance to easily prevent this issue.
9.3.2 Low Temperature Drift
The REF34xx is designed for minimal drift error, which is defined as the change in output voltage over
temperature. The drift is calculated using the box method, as described by Equation 3. For this equation, VREF is
VOUT which is the output voltage seen at the junction of OUT_F and OUT_S.
REF(MAX)
REF(MIN)
6
REF(25 C)
V
V
Drift
10
V
Temperature Range
q
§
·
u
¨
¸
¨
¸
u
©
¹
(3)
9.3.3 Load Current
The REF34xx family is specified to deliver a current load of ±10 mA per output. The device temperature
increases according to Equation 4:
J
A
D
JA
T
T
P
R
T
u
(4)
where
• TJ = junction temperature (°C),
• TA = ambient temperature (°C),
• PD = power dissipated (W), and
• RθJA = junction-to-ambient thermal resistance (°C/W)
The REF34xx maximum junction temperature must not exceed the absolute maximum rating of 150°C.
www.ti.com
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com