Electronic Components Datasheet Search
  English  ▼

X  

REF3430 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3430 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF3430 Datasheet HTML 11Page - Texas Instruments REF3430 Datasheet HTML 12Page - Texas Instruments REF3430 Datasheet HTML 13Page - Texas Instruments REF3430 Datasheet HTML 14Page - Texas Instruments REF3430 Datasheet HTML 15Page - Texas Instruments REF3430 Datasheet HTML 16Page - Texas Instruments REF3430 Datasheet HTML 17Page - Texas Instruments REF3430 Datasheet HTML 18Page - Texas Instruments REF3430 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Thermal Hysteresis - Cycle 1 (ppm)
0
5%
10%
15%
20%
25%
30%
D016
Figure 8-4. Thermal Hysteresis Distribution Cycle 1 (VOUT)
Thermal Hysteresis - Cycle 2 (ppm)
0
5%
10%
15%
20%
25%
30%
D016
Figure 8-5. Thermal Hysteresis Distribution Cycle 2 (VOUT)
8.4 Power Dissipation
The REF34xx voltage references are capable of source and sink up to 10 mA of load current across the rated
input voltage range. However, when used in applications subject to high ambient temperatures, the input voltage
and load current must be carefully monitored to ensure that the device does not exceeded its maximum power
dissipation rating. The maximum power dissipation of the device can be calculated with Equation 2:
J
A
D
JA
T
T
P
R
T
u
(2)
where
• PD is the device power dissipation
• TJ is the device junction temperature
• TA is the ambient temperature
• RθJA is the package (junction-to-air) thermal resistance
Because of this relationship, acceptable load current in high temperature conditions may be less than the
maximum current-sourcing capability of the device. In no case should the device be operated outside of its
maximum power rating because doing so can result in premature failure or permanent damage to the device.
www.ti.com
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com