Electronic Components Datasheet Search
  English  ▼

X  

REF3430 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3430 Datasheet(HTML) 3 Page - Texas Instruments

  REF3430 Datasheet HTML 1Page - Texas Instruments REF3430 Datasheet HTML 2Page - Texas Instruments REF3430 Datasheet HTML 3Page - Texas Instruments REF3430 Datasheet HTML 4Page - Texas Instruments REF3430 Datasheet HTML 5Page - Texas Instruments REF3430 Datasheet HTML 6Page - Texas Instruments REF3430 Datasheet HTML 7Page - Texas Instruments REF3430 Datasheet HTML 8Page - Texas Instruments REF3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
• Added Configuration Information to "Electrical Characteristics”......................................................................... 6
• Changed ABS MAX IN MIN to "-0.3V"................................................................................................................6
• Added REF34xxT to "Layout Guidelines" and "Layout Example".....................................................................22
Changes from Revision A (December 2017) to Revision B (March 2018)
Page
• Added 2 new GPNS: REF3440 and REF3450 .................................................................................................. 1
• Changed "Excellent Long-Term Stability 30 ppm/1000 hrs" to "Excellent Long-Term Stability 25 ppm/1000
hrs" in Section 1 .................................................................................................................................................1
• Changed "...typical drift value for the REF34xx is 30 ppm from 0 to 1000 hours" to "...typical drift value for the
REF34xx is 25 ppm from 0 to 1000 hours" and changed Figure 8-3 in Section 8.2 ........................................ 14
• Changed "(as shown in Figure 26)" to " as shown in Figure 9-1 in last paragraph of Section 10.2.2.2 ...........20
Changes from Revision * (September 2017) to Revision A (December 2017)
Page
• Added production release of 2 new output voltage option devices, REF3430 and REF3433............................ 1
www.ti.com
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com