Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA400G Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE25AA400G
Description  Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA400G Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25AA400G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
ACE25AA400G
Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.3
21
Quad Page Program (QPP) (32H)
The Quad Page Program command is for programming the memory using four pins: IO0, IO1, IO2, and
IO3. To use Quad Page Program the Quad enable in status register Bit9 must be set (QE=1). A Write
Enable (WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit
before sending the Page Program command. The Quad Page Program command is entered by driving
CS# Low, followed by the command code (32H), three address bytes and at least one data byte on IO
pins.
The command sequence is shown in Figure 17. If more than 256 bytes are sent to the device, previously
latched data are discarded and the last 256 data bytes are guaranteed to be programmed correctly within
the same page. If less than 256 data bytes are sent to device, they are correctly programmed at the
requested ad- dresses without having any effects on the other bytes of the same page. CS# must be
driven high after the eighth bit of the last data byte has been latched in; otherwise the Quad Page
Program command is not executed.
As soon as CS# is driven high, the self-timed Quad Page Program cycle (whose duration is tPP) is
initiated. While the Quad Page Program cycle is in progress, the Status Register may be read to check
the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed
Quad Page Program cycle, and is 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset.
A Quad Page Program command applied to a page which is protected by the Block Protect (BP3, BP2,
BP1, BP0) will not be executed.
Figure17. Quad Page Program Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com