Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA400G Datasheet(PDF) 36 Page - ACE Technology Co., LTD.

Part # ACE25AA400G
Description  Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA400G Datasheet(HTML) 36 Page - ACE Technology Co., LTD.

Back Button ACE25AA400G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 40Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
ACE25AA400G
Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.3
36
Table 4. Parameter Table (0): JEDEC Flash Parameter Tables
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Block/Sector Erase Size
00: Reserved;
01: 4KB erase;
10: Reserved;
11: not support 4KB erase
30H
01:00
01b
E5H
Write Granularity
0: 1Byte, 1: 64Byte or larger
02
1b
Write Enable Instruction Re-
quested for Writing to Volatile
Status Registers
0: Nonvolatile status bit
1:Volatilestatusbit
(BP status register bit)
03
0b
Write Enable OpcodeSelect for
WritingtoVolatileStatusRegis-
ters
0: Use 50H Opcode,
1: Use 06H Opcode,
Note:If target flash status
register is Nonvolatile, then bits
3 and 4
must be set to 00b.
04
0b
Unused
Contains 111b and can never
be changed
07:05
111b
4KB Erase Opcode
31H
15:08
20H
20H
(1-1-2) Fast Read
0=Not support, 1=Support
32H
16
1b
F1H
Address Bytes Number used in
addressing flash array
00: 3Byte only,
01: 3 or 4Byte,
10: 4Byte only,
11: Reserved
18:17
00b
Double Transfer Rate (DTR)
clocking
0=Not support, 1=Support
19
0b
(1-2-2) Fast Read
0=Not support, 1=Support
20
1b
(1-4-4) Fast Read
0=Not support, 1=Support
21
1b
(1-1-4) Fast Read
0=Not support, 1=Support
22
1b
Unused
23
1b
Unused
33H
31:24
FFH
FFH
Flash Memory Density
37H:34H
31:00
007FFFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com