Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA400G Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25AA400G
Description  Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA400G Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25AA400G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
ACE25AA400G
Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.3
13
Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit. The Write Disable
command sequence: CS# goes low Send Write Disable command CS# goes high. The WEL bit is reset by
following condition: Power-up and upon completion of the Write Status Register, Page Program, Sector
Erase, Block Erase and Chip Erase commands.
Read Status Register (RDSR) (05H or 35H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may
be read at any time, even while a Program, Erase or Write Status Register cycle is in progress. When one
of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit before sending
a new command to the device. It is also possible to read the Status Register continuously. For command
code “05H”, the SO will output Status Register bits S7~S0. The command code “35H”, the SO will output
Status Register bits S15~S8.
Write Status Register (WRSR) (01H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register.
Before it can be accepted, a Write Enable (WREN) command must previously have been executed. After
the Write Enable (WREN) command has been decoded and executed, the device sets the Write Enable
Latch (WEL).
The Write Status Register (WRSR) command has no effect on S15, S1 and S0 of the Status Register.
Figure3. Write Disable Sequence Diagram
Figure4. Read Status Register Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com