Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA400G Datasheet(PDF) 39 Page - ACE Technology Co., LTD.

Part # ACE25AA400G
Description  Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA400G Datasheet(HTML) 39 Page - ACE Technology Co., LTD.

Back Button ACE25AA400G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA400G Datasheet HTML 43Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
ACE25AA400G
Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.3
39
Table 5. Parameter Table (1): ACE Flash Parameter Tables
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Vcc Supply Maximum Voltage
2000H=2.000V
61H:60H
15:00
3600H
3600H
2700H=2.700V
3600H=3.600V
Vcc Supply Minimum Voltage
1650H=1.650V
63H:62H
31:16
2700H
2700H
2250H=2.250V
2300H=2.300V
2700H=2.700V
HW Reset# pin
0=not support 1=support
65H:64H
00
0b
7994H
HW Hold# pin
0=not support 1=support
01
0b
Deep Power Down Mode
0=not support 1=support
02
1b
SW Reset
0=not support 1=support
03
0b
SW Reset Opcode
Should be issue Reset
Enable(66H) before Reset
cmd
11:04
99H
Program Suspend/Resume
0=not support 1=support
12
1b
Erase Suspend/Resume
0=not support 1=support
13
1b
Unused
14
1b
Wrap-Around Read mode
0=not support 1=support
15
0b
Wrap-Around Read mode
Opcode
66H
23:16
FFH
FFH
Wrap-Around Read data length
08H:support 8B wrap-around
read 16H:8B&16B
32H:8B&16B&32B
64H:8B&16B&32B&64B
67H
31:24
64H
64H
Individual block lock
0=not support 1=support
6BH:68H
00
0b
E3FCH
Individual block lock bit
(Volatile/Nonvolatile)
0=Volatile 1=Nonvolatile
01
0b
Individual block lock Opcode
09:02
FFH
Individual block lock Volatile
protect bit default protect status
0=protect 1=unprotect
10
0b
Secured OTP
0=not support 1=support
11
0b
Read Lock
0=not support 1=support
12
0b
Permanent Lock
0=not support 1=support
13
1b
Unused
15:14
11b
Unused
31:16
FFFFH
FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com