Electronic Components Datasheet Search
  English  ▼

X  

LM4549AVH Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4549AVH
Description  AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4549AVH Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4549AVH Datasheet HTML 1Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 2Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 3Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 4Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 5Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 6Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 7Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 8Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
ESD Susceptibility (Note 2)
2000V
pin 3
750V
ESD Susceptibility (Note 3)
200V
pin 3
100V
Junction Temperature
150˚C
Soldering Information
LQFP Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
θ
JA (typ) – VBH48A
74˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX (Note 4)
−40˚C
≤ T
A
≤ 85˚C
Analog Supply Range
4.2V
≤ AV
DD
≤ 5.5V
Digital Supply Range
3.0V
≤ DV
DD
≤ 5.5V
Electrical Characteristics (Notes 1, 5) The following specifications apply for AV
DD = 5V, DVDD = 5V, Fs =
48 kHz, single codec configuration, unless otherwise noted. Limits apply for T
A= 25˚C. The reference for 0 dB is 1 Vrms un-
less otherwise specified.
Symbol
Parameter
Conditions
LM4549A
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
AV
DD
Analog Supply Range
4.2
V (min)
5.5
V (max)
DV
DD
Digital Supply Range
3.0
V (min)
5.5
V (max)
D
IDD
Digital Quiescent Power Supply
Current
DV
DD = 5 V
43
mA
DV
DD = 3.3 V
20
mA
A
IDD
Analog Quiescent Power Supply
Current
53
mA
I
DSD
Digital Shutdown Current
500
µA
I
ASD
Analog Shutdown Current
30
µA
V
REF
Reference Voltage
2.23
V
PSRR
Power Supply Rejection Ratio
40
dB
Analog Loopthrough Mode (Note 8)
Dynamic Range (Note 9)
CD Input to Line Output, -60 dB Input
THD+N, A-Weighted
97
90
dB (min)
THD
Total Harmonic Distortion
V
O =-3dB,f=1 kHz, RL =10k
Ω
0.01
0.02
% (max)
Analog Input Section
V
IN
Line Input Voltage
LINE_IN, AUX, CD, VIDEO, PC_BEEP,
PHONE
1
Vrms
V
IN
Mic Input with 20 dB Gain
0.1
Vrms
V
IN
Mic Input with 0 dB Gain
1
Vrms
Xtalk
Crosstalk
CD Left to Right
-95
dB
Z
IN
Input Impedance(Note 9)
All Analog Inputs
40
10
k
Ω (min)
C
IN
Input Capacitance
15
pF
Interchannel Gain Mismatch
CD Left to Right
0.01
dB
Record Gain Amplifier - ADC
A
S
Step Size
0 dB to 22.5 dB
1.5
dB
A
M
Mute Attenuation (Note 9)
86
dB
Mixer Section
A
S
Step Size
+12 dB to -34.5 dB
1.5
dB
A
M
Mute Attenuation
86
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com