Electronic Components Datasheet Search
  English  ▼

X  

LM4549AVH Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4549AVH
Description  AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4549AVH Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4549AVH Datasheet HTML 1Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 2Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 3Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 4Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 5Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 6Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 7Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 8Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Electrical Characteristics (Notes 1, 5) The following specifications apply for AV
DD = 5V, DVDD = 5V, Fs = 48
kHz, single codec configuration, unless otherwise noted. Limits apply for T
A= 25˚C. The reference for 0 dB is 1 Vrms unless
otherwise specified. (Continued)
Symbol
Parameter
Conditions
LM4549A
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
Analog to Digital Converters
Resolution
18
Bits
Dynamic Range (Note 9)
-60 dB Input THD+N, A-Weighted
90
86
dB (min)
Frequency Response
-1 dB Bandwidth
20
kHz
Digital to Analog Converters
Resolution
18
Bits
Dynamic Range (Note 9)
-60 dB Input THD+N, A-Weighted
89
85
dB (min)
THD
Total Harmonic Distortion
V
IN =-3dB,f=1 kHz, RL =10k
Ω
0.01
%
Frequency Response
20 - 21 k
Hz
Group Delay (Note 9)
2
ms (max)
Out of Band Energy (Note 10)
-40
dB
Stop Band Rejection
70
dB
D
T
Discrete Tones
-96
dB
Analog Output Section
A
S
Step Size
0 dB to -46.5 dB
1.5
dB
A
M
Mute Attenuation
86
dB
Z
OUT
Output Impedance (Note 9)
All Analog Outputs
TBD
Ω
Digital I/O (Note 9)
V
IH
High level input voltage
0.40 x
DV
DD
V (min)
V
IL
Low level input voltage
0.30 x
DV
DD
V (max)
V
OH
High level output voltage
0.50 x
DV
DD
V (min)
V
OL
Low level output voltage
0.20 x
DV
DD
V (max)
I
L
Input Leakage Current
AC Link inputs
±10
µA
I
L
Tri state Leakage Current
High impedance AC Link outputs
±10
µA
I
DR
Output drive current
AC Link outputs
5
mA
Digital Timing Specifications (Note 9)
F
BC
BIT_CLK frequency
12.288
MHz
T
BCP
BIT_CLK period
81.4
ns
T
CH
BIT_CLK high
Variation of BIT_CLK duty cycle from
50%
±20
% (max)
F
SYNC
SYNC frequency
48
kHz
T
SP
SYNC period
20.8
µs
T
SH
SYNC high pulse width
1.3
µs
T
SL
SYNC low pulse width
19.5
µs
T
DSETUP
Setup Time for codec data input
SDATA_OUT to falling edge of BIT_CLK
15
ns (min)
T
DHOLD
Hold Time for codec data input
Hold time of SDATA_OUT from falling
edge of BIT_CLK
5
ns (min)
T
SSETUP
Setup Time for codec SYNC input
SYNC to rising edge of BIT_CLK
TBD
ns (min)
T
SHOLD
Hold Time for codec SYNC input
Hold time of SYNC from rising edge of
BIT_CLK
TBD
ns (min)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com