Electronic Components Datasheet Search
  English  ▼

X  

LM4549AVH Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4549AVH
Description  AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4549AVH Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4549AVH Datasheet HTML 3Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 4Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 5Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 6Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 7Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 8Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 9Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 10Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Typical Application
APPLICATION HINTS
•
The LM4549A must be initialized by using RESET# to perform a Power On Reset as shown in the Power On Reset Timing
Diagram
•
V
REF must be pulled high to AVDD witha10k
Ω resistor to ensure correct operation
•
Don’t leave unused inputs floating. Tie all unused inputs together and connect to Analog Ground through a capacitor (e.g. 0.1
µF)
•
Do not leave CD_GND floating when using the CD stereo input. CD_GND is the AC signal reference for the CD channels and
should be connected to the CD source ground (Analog Ground may also be acceptable) througha1µF capacitor
•
If using a non-standard AC Link controller take care to keep the SYNC and SDATA_IN signals low during Cold Reset to avoid
entering the ATE or Vendor test modes by mistake
•
The PC_Beep input should be muted if not used since it defaults to 0 dB gain on reset, unlike the mute default of the other
analog inputs
20029903
FIGURE 1. LM4549A Typical Application Circuit, Single Codec, 1 Vrms inputs
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com