Electronic Components Datasheet Search
  English  ▼

X  

LM4549AVH Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4549AVH
Description  AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4549AVH Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4549AVH Datasheet HTML 5Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 6Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 7Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 8Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 9Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 10Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 11Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 12Page - National Semiconductor (TI) LM4549AVH Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Connection Diagram
20029902
Top View
Order Number LM4549AVH
See NS Package Number VBH48A
Pin Descriptions
ANALOG I/O
Name
Pin
I / O
Functional Description
PC_BEEP
12
I
Mono Input
This line level (1 Vrms nominal) mono input is mixed equally into both channels of the Stereo
Mix signal at MIX2 under the control of the PC_Beep Volume control register, 0Ah. The
PC_BEEP level can be muted or adjusted from 0 dB to -45 dB in 3 dB steps. The Stereo Mix
signal feeds both the Line Out and Line Level Out analog outputs and is also selectable at
the Record Select Mux. During Initialization or Cold Reset, (reset pin held active low),
PC_BEEP is switched directly to both channels of the Line Out stereo output, bypassing all
volume controls. This allows signals such as PC power-on self-test tones to be heard through
the PC’s audio system before the codec registers are configured.
PHONE
13
I
Mono Input
This line level (1 Vrms nominal) mono input is selectable at the Record Select Mux for
conversion by either channel of the stereo ADC. It can also be mixed equally into both
channels of the Stereo Mix signal at MIX2 under the control of the Phone Volume register,
0Ch. The PHONE level can be muted or adjusted from +12 dB to -34.5 dB in 1.5 dB steps.
The Stereo Mix signal feeds both the Line Out and Line Level Out analog stereo outputs and
is also selectable at the Record Select Mux.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com