| Electronic Components Datasheet Search |
|
EDSTRG44PLCC Datasheet(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
EDSTRG44PLCC Datasheet(HTML) 37 Page - Texas Instruments |
|
37 / 78 page ![]() GLOSSARY/SYMBOLS, TERMS, AND DEFINITIONS 1–29 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 glossary / symbols, terms, and definitions A absolute addressing mode: An addressing mode in which code or operands produce the actual address address: Any given memory location in which data can be stored or from which data can be retrieved addressing mode: The method by which an instruction calculates the location of its required data analog-to-digital converter (ADC): An 8-bit successive-approximation converter with internal sample-and-hold circuitry. Also referred to as ADC1, ADC2, or ADC3. ADC1 is an 8-channel ADC, except for the 40-pin TMS370Cx4x devices which have only four channels. ADC2 is a 4-channel ADC. And ADC3 is a 15-channel ADC. ANSI C: A version of the C programming language that conforms to the C standards defined by the American Na- tional Standards Institute archiver: A software program that allows the collection of several individual files into a single file called an archive library. The archiver also allows the addition, deletion, extraction, or replacement of members of the archive library. assembler: A software program that creates a machine-language program from a source file containing assembly language instructions, directives, and macro directives. The assembler substitutes absolute operation codes for symbolic operation codes, and absolute or relocatable addresses for symbolic addresses. assembly language: A symbolic language that describes the binary machine code in a more readable form. Each of the 73 unique instructions of the TMS370 family converts to one machine operation. asynchronous-communications mode: An SCI mode that needs no synchronizing clock. The asynchronous communications mode format consists of a start bit followed by data bits, an optional parity bit, and a stop bit. This format commonly is used with RS-232-C communications and PC serial ports. B baud: The communication speed for serial ports; equivalent to bits per second BCD: Binary coded decimal. Each 4-bit nibble expresses a digit from 0–9 and usually packs two digits to a byte, giving a range of 0–99. bit: Contraction of binary digit i.e., a 1 or a 0. In electrical terms, the value of a bit can be represented by the pres- ence or absence of charge, voltage, or current. breakpoint, trace, and timing (BTT) features: A set of features supported by the BTT board (included with the XDS/22 emulation system). These features allow the setting of hardware breakpoints, collecting of trace samples, and performing timing analysis. buffer pointer: A 5-bit register in the PACT module peripheral frame that points to the next available location in the circular-capture buffer byte: A sequence of eight adjacent bits operated upon as a unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |