Electronic Components Datasheet Search
  English  ▼

X  

EDSTRG44PLCC Datasheet(PDF) 43 Page - Texas Instruments

Part # EDSTRG44PLCC
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG44PLCC Datasheet(HTML) 43 Page - Texas Instruments

Back Button EDSTRG44PLCC Datasheet HTML 39Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 40Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 41Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 42Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 43Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 44Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 45Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 46Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
GLOSSARY/SYMBOLS, TERMS, AND DEFINITIONS
1–35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
R
R/W:
Read or Write operation. Goes high at the beginning of read operations and low during write operations. This
line is active during both internal and external accesses.
RAM:
Random-access memory
ratiometric conversion:
An analog-to-digital conversion in which the conversion value is a ratio of the VREF source
to the analog input. As VREF is increased, the input voltage needed to give a certain conversion value changes;
however, all conversion values keep the same relationship to VREF.
read:
A memory operation whereby data is output from a desired address location
read-only memory (ROM):
A memory in which the contents are not intended to be altered during normal operation.
NOTE: Unless otherwise qualified, the term “read-only memory” implies that the contents are determined by its
structure and are unalterable.
referred timer:
The timer that a PACT command uses for time comparisons. This is the last timer defined in the
PACT command/definition area before the command was encountered, or if no timer has been defined, it is the
least significant 16 bits of the hardware timer.
register file (RF):
The first 128 or 256 bytes of memory that can be accessed by the majority of the instructions
relative-addressing mode:
An operating mode in which operands and code produce an absolute address at some
distance from the current location
RESET pin:
A pin that, when held low, starts hardware initialization and ensures an orderly software startup. If the
MC pin is low when the RESET signal returns high, then the processor enters the microcomputer mode. If the MC
pin is high when the RESET signal returns high, then it enters the microprocessor mode.
ROM security:
Inhibits the reading of the ROM using any programmer
S
serial communications interface (SCI):
Referred to as SCI1 or SCI2. SCI1 is a built-in serial interface that can
be programmed to be asynchronous or isosynchronous. SCI2 is a built-in serial interface that can only be pro-
grammed to be asynchronous. Many timing, data format, and protocol factors are programmable and controlled
by the SCI module in operation.
serial peripheral interface (SPI):
A built-in serial interface that facilitates communication between networked mas-
ter and slave CPUs. As in the SCI, the SPI is set up by software; from then on, the CPU takes no part in timing,
data format, or protocol.
signed integer:
A number system used to express positive and negative integers
SPI:
Serial Peripheral Interface module
stack:
The part of the register file used as last-in, first-out memory for temporary-variable storage. The stack is used
during interrupts and calls to store the current program status. The area occupied by the stack is determined by
the stack pointer and by the application program.
stack pointer (SP):
An 8-bit CPU register that points to the last entry or top of the stack. The SP is incremented
automatically before data is pushed onto the stack and decremented after data is popped from the stack.
standby RAM:
Random-access memory which is powered through a separate power pin to protect the memory
against power failures on the main power pin.
STANDBY mode:
A power reduction mode in which the CPU stops processing, but the on-chip oscillator remains
active. Timers remain active and can cause the CPU to exit the STANDBY mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com