Electronic Components Datasheet Search
  English  ▼

X  

EDSTRG44PLCC Datasheet(PDF) 17 Page - Texas Instruments

Part # EDSTRG44PLCC
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG44PLCC Datasheet(HTML) 17 Page - Texas Instruments

Back Button EDSTRG44PLCC Datasheet HTML 13Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 14Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 15Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 16Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 17Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 18Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 19Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 20Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
TMS370 MAJOR COMPONENTS ARCHITECTURE
1–9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer 1 (continued)
The results of these operations can generate an interrupt to the CPU, set flag bits, reset the timer counter, toggle
an I/O line, or generate PWM outputs. Timer 1 can provide up to 200 ns of resolution with a 5-MHz system clock
(SYSCLK).
timer 2n (A and B)
Timer 2A and 2B are 16-bit timers that can be configured in the following ways:
D Four independent clock sources for the general-purpose timer
D A 16-bit event timer, to keep a cumulative total of the transitions
D A16-bit pulse accumulator, to measure the pulse-input width
D Two 16-bit input-capture devices that change a counter value on the occurrence of an external input
D Two 16-bit compare registers that trigger when a counter matches the contents of a compare register
D A self-contained PWM output controller
The results of the timer 2A and 2B operations can generate an interrupt to the CPU, set flag bits, reset the timer
counter, toggle an I/O line, or generate PWM outputs. Timers 2A and 2B can provide up to 200 ns of resolution
with a 5-MHz system clock (SYSCLK).
watchdog timer
The watchdog (WD) timer helps ensure system integrity. The WD timer can be programmed to generate a
hardware reset upon a time-out condition. The WD function provides a hardware monitor over the software to
help avoid losing a program. If not needed as a WD, this timer can be used as a general-purpose timer.
programmable acquisition and control timer (PACT)
The PACT module in the ’x32 and ’x36 subfamilies is a programmable timing module that uses some of the
on-chip RAM to store its commands and the timer values
. Only the TMS370Cx36 device offers the 256-byte
standby RAM that protects stored data against power failures. The PACT module offers the following:
D Input capture on up to six pins, four of which may have a programmable prescaler
D One input-capture pin that can drive an 8-bit event counter
D Up to eight timer-driven outputs
D Timer capability of up to 20 bits
D Interaction between event counter and timer activity
D 18 independent interrupt vectors to allow better servicing of events
D Watchdog with selectable time-out period
D Mini-SCI (serial communications interface) that works as a full duplex UART (universal asynchronous
receiver transmitter)
Once set up, the PACT requires no CPU overhead except to service interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com