Electronic Components Datasheet Search
  English  ▼

X  

EDSTRG44PLCC Datasheet(PDF) 42 Page - Texas Instruments

Part # EDSTRG44PLCC
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG44PLCC Datasheet(HTML) 42 Page - Texas Instruments

Back Button EDSTRG44PLCC Datasheet HTML 38Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 39Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 40Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 41Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 42Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 43Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 44Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 45Page - Texas Instruments EDSTRG44PLCC Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
GLOSSARY/SYMBOLS, TERMS, AND DEFINITIONS
1–34
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
O
OCF:
Opcode Fetch. Goes low at the beginning of a memory read operation that fetches the first byte of an instruc-
tion. It then resumes its high level at the end of the opcode fetch(es).
offset:
A signed value that is added to the base operand to give the final address
opcode:
Operation code. The first byte of the machine code that describes to the CPU the type of operation and
combination of operands. Some TMS370 instructions use 16-bit opcodes.
operand:
The part of an instruction that tells the programmer where the CPU will fetch or store data
one-time programmable (OTP) read-only memory:
a read-only memory that, after being manufactured, can
have the data content of each memory cell altered once. Also referred to as OTP.
Output Enable:
A control input that, when true, permits data to appear at the memory output, and when false,
causes the output to assume a high-impedance state. (See also chip select.)
P
PACT:
Programmable acquisition and control timer module. A timer coprocessor module for the TMS370 microcon-
troller family.
PDIP:
Plastic Dual In-Line Package
peripheral file (PF):
The 128 or 256 bytes of memory, starting at 1000h, that contain the registers that control the
on-board peripherals and system configuration
peripheral-file frames:
A set of sixteen contiguous peripheral file registers, usually related by function
PLCC:
Plastic Leaded Chip Carrier
PPM:
Pulse-position modulation. A serial signal in which the information is contained in the frequency of a signal
with a constant-pulse width. By using the timer-compare features, a TMS370 device can output a PPM signal with
a constant duty cycle without any program intervention.
prescaler:
A circuit that slows the rate of a clocking source to the counter. The timer 1 prescaler can slow the clock-
ing source by a factor of 4, 16, 64, or 256.
privilege mode:
A mode immediately following reset in which the program can alter the privileged registers and
bits. Once the privilege mode is disabled, these registers cannot be changed before another reset. This mode
does not affect the EEPROM or the watchdog registers.
program:
Typically associated with EPROM and OTP memories, the procedure whereby logical 0s (or 1s) are
stored into various desired locations in a previously erased device
program counter (PC):
A CPU register that identifies the current statement in the program
prototyping device:
A device used before mask-ROM devices are available that has identical functions, pinout,
size, and timings to those of the actual device. Programmable memory such as EEPROM or EPROM is used in
place of the masked ROM.
PSDIP:
Plastic Shrink Dual In-Line Package
pulse accumulation:
A timer 1 or timer 2 mode that keeps a cumulative count of SYSCLK pulses gated by the
T1EVT or T2EVT signal
PWM:
Pulse-width modulation. A serial signal in which the information is contained in the width of a pulse of a
constant-frequency signal. By using the timer-compare features, a TMS370 device can output a PWM signal with
a constant-duty cycle without any program intervention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com