Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara??Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 45Page - Texas Instruments AM2434 Datasheet HTML 46Page - Texas Instruments AM2434 Datasheet HTML 47Page - Texas Instruments AM2434 Datasheet HTML 48Page - Texas Instruments AM2434 Datasheet HTML 49Page - Texas Instruments AM2434 Datasheet HTML 50Page - Texas Instruments AM2434 Datasheet HTML 51Page - Texas Instruments AM2434 Datasheet HTML 52Page - Texas Instruments AM2434 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 316 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL
NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
STATE
DURING
RESET
RX/TX/PULL
BALL
STATE
AFTER
RESET
RX/TX/PULL
MUX
MODE
AFTER
RESET
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL
UP/DOWN
TYPE
Y5
PRG0_PRU1_GPO9
PRG0_PRU1_GPO9
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
PRG0_PRU1_GPI9
1
I
0
7
PRG0_UART0_RXD
2
I
1
7
RGMII1_RD1
4
I
0
7
RMII1_RXD1
5
I
0
7
PRG0_IEP0_EDIO_DATA_IN_OUT30
6
IO
0
7
GPIO1_29
7
IO
pad
7
EQEP0_I
8
IO
0
7
UART5_RXD
10
I
1
7
V6
PRG0_PRU1_GPO10
PRG0_PRU1_GPO10
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
PRG0_PRU1_GPI10
1
I
0
7
PRG0_UART0_TXD
2
O
7
PRG0_PWM2_TZ_IN
3
I
0
7
RGMII1_RD2
4
I
0
7
RMII1_TXD0
5
O
7
PRG0_IEP0_EDIO_DATA_IN_OUT31
6
IO
0
7
GPIO1_30
7
IO
pad
7
EQEP1_I
8
IO
0
7
UART6_RXD
10
I
1
7
W4
PRG0_PRU1_GPO11
PRG0_PRU1_GPO11
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
PRG0_PRU1_GPI11
1
I
0
7
PRG0_RGMII2_TD0
2
O
7
GPIO1_31
7
IO
pad
7
EQEP2_I
8
IO
0
7
UART4_RXD
10
I
1
7
www.ti.com
AM2434, AM2432, AM2431
SPRSP65B – APRIL 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com