Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara??Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 90Page - Texas Instruments AM2434 Datasheet HTML 91Page - Texas Instruments AM2434 Datasheet HTML 92Page - Texas Instruments AM2434 Datasheet HTML 93Page - Texas Instruments AM2434 Datasheet HTML 94Page - Texas Instruments AM2434 Datasheet HTML 95Page - Texas Instruments AM2434 Datasheet HTML 96Page - Texas Instruments AM2434 Datasheet HTML 97Page - Texas Instruments AM2434 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 316 page
background image
Table 6-2. Pin Attributes (ALX Package) (continued)
BALL
#
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
IO
VOLTAGE
VALUE
BUFFER
TYPE
POWER
HYS
PULL
UP/
DOWN
TYPE
PADCONFIG
REGISTER
PADCONFIG
ADDRESS
BALL STATE
DURING
RESET
(RX/TX/PULL)
BALL STATE
AFTER
RESET
(RX/TX/PULL)
MUX
MODE
AFTER
RESET
K4
PRG0_PRU0_GPO18
PRG0_PRU0_GPO18
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV1
Yes
PU/PD
PADCONFIG_106
0x000F41A8
Off / Off / Off
Off / Off / Off
7
PRG0_PRU0_GPI18
1
I
PRG0_IEP0_EDC_LATCH_IN0
2
I
PRG0_PWM0_TZ_IN
3
I
CPTS0_HW1TSPUSH
4
I
CP_GEMAC_CPTS0_HW1TSPUSH
5
I
EHRPWM8_A
6
IO
GPIO1_18
7
IO
UART4_CTSn
8
I
GPMC0_A5
9
OZ
UART2_RXD
10
I
G2
PRG0_PRU0_GPO19
PRG0_PRU0_GPO19
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV1
Yes
PU/PD
PADCONFIG_107
0x000F41AC
Off / Off / Off
Off / Off / Off
7
PRG0_PRU0_GPI19
1
I
PRG0_IEP0_EDC_SYNC_OUT0
2
O
PRG0_PWM0_TZ_OUT
3
O
CPTS0_TS_COMP
4
O
CP_GEMAC_CPTS0_TS_COMP
5
O
EHRPWM8_B
6
IO
GPIO1_19
7
IO
UART4_RTSn
8
O
GPMC0_A6
9
OZ
UART3_RXD
10
I
AM2434, AM2432, AM2431
SPRSP65B – APRIL 2021 – REVISED JULY 2021
www.ti.com
94
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com