Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara??Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 83Page - Texas Instruments AM2434 Datasheet HTML 84Page - Texas Instruments AM2434 Datasheet HTML 85Page - Texas Instruments AM2434 Datasheet HTML 86Page - Texas Instruments AM2434 Datasheet HTML 87Page - Texas Instruments AM2434 Datasheet HTML 88Page - Texas Instruments AM2434 Datasheet HTML 89Page - Texas Instruments AM2434 Datasheet HTML 90Page - Texas Instruments AM2434 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 316 page
background image
Table 6-2. Pin Attributes (ALX Package) (continued)
BALL
#
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
IO
VOLTAGE
VALUE
BUFFER
TYPE
POWER
HYS
PULL
UP/
DOWN
TYPE
PADCONFIG
REGISTER
PADCONFIG
ADDRESS
BALL STATE
DURING
RESET
(RX/TX/PULL)
BALL STATE
AFTER
RESET
(RX/TX/PULL)
MUX
MODE
AFTER
RESET
P20
OSPI0_CLK
OSPI0_CLK
0
O
1.8 V/3.3 V
LVCMOS
VDDSHV4
Yes
PU/PD
PADCONFIG_0
0x000F4000
Off / Off / Off
Off / Off / Off
7
GPIO0_0
7
IO
P17
OSPI0_DQS
OSPI0_DQS
0
I
1.8 V/3.3 V
LVCMOS
VDDSHV4
Yes
PU/PD
PADCONFIG_2
0x000F4008
Off / Off / Off
Off / Off / Off
7
GPIO0_2
7
IO
M21
OSPI0_LBCLKO
OSPI0_LBCLKO
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV4
Yes
PU/PD
PADCONFIG_1
0x000F4004
Off / Off / Off
On / Off / Off
7
GPIO0_1
7
IO
L20
OSPI0_CSn0
OSPI0_CSn0
0
O
1.8 V/3.3 V
LVCMOS
VDDSHV4
Yes
PU/PD
PADCONFIG_11
0x000F402C
Off / Off / Off
Off / Off / Off
7
GPIO0_11
7
IO
M20
OSPI0_CSn1
OSPI0_CSn1
0
O
1.8 V/3.3 V
LVCMOS
VDDSHV4
Yes
PU/PD
PADCONFIG_12
0x000F4030
Off / Off / Off
Off / Off / Off
7
GPIO0_12
7
IO
L19
OSPI0_D0
OSPI0_D0
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV4
Yes
PU/PD
PADCONFIG_3
0x000F400C
Off / Off / Off
Off / Off / Off
7
GPIO0_3
7
IO
N20
OSPI0_D1
OSPI0_D1
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV4
Yes
PU/PD
PADCONFIG_4
0x000F4010
Off / Off / Off
Off / Off / Off
7
GPIO0_4
7
IO
L21
OSPI0_D2
OSPI0_D2
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV4
Yes
PU/PD
PADCONFIG_5
0x000F4014
Off / Off / Off
Off / Off / Off
7
GPIO0_5
7
IO
N19
OSPI0_D3
OSPI0_D3
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV4
Yes
PU/PD
PADCONFIG_6
0x000F4018
Off / Off / Off
Off / Off / Off
7
GPIO0_6
7
IO
D18
PORz_OUT
PORz_OUT
0
O
1.8 V/3.3 V
LVCMOS
VDDSHV0
Yes
PU/PD
PADCONFIG_171
0x000F42AC
Off / Low / Off
Off / SS / Off
0
D2
PRG0_MDIO0_MDC
PRG0_MDIO0_MDC
0
O
1.8 V/3.3 V
LVCMOS
VDDSHV1
Yes
PU/PD
PADCONFIG_129
0x000F4204
Off / Off / Off
Off / Off / Off
7
GPIO1_41
7
IO
GPMC0_A13
9
OZ
E4
PRG0_MDIO0_MDIO
PRG0_MDIO0_MDIO
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV1
Yes
PU/PD
PADCONFIG_128
0x000F4200
Off / Off / Off
Off / Off / Off
7
GPIO1_40
7
IO
GPMC0_A12
9
OZ
www.ti.com
AM2434, AM2432, AM2431
SPRSP65B – APRIL 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com