Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara??Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 76 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 72Page - Texas Instruments AM2434 Datasheet HTML 73Page - Texas Instruments AM2434 Datasheet HTML 74Page - Texas Instruments AM2434 Datasheet HTML 75Page - Texas Instruments AM2434 Datasheet HTML 76Page - Texas Instruments AM2434 Datasheet HTML 77Page - Texas Instruments AM2434 Datasheet HTML 78Page - Texas Instruments AM2434 Datasheet HTML 79Page - Texas Instruments AM2434 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 316 page
background image
Table 6-2. Pin Attributes (ALX Package) (continued)
BALL
#
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
IO
VOLTAGE
VALUE
BUFFER
TYPE
POWER
HYS
PULL
UP/
DOWN
TYPE
PADCONFIG
REGISTER
PADCONFIG
ADDRESS
BALL STATE
DURING
RESET
(RX/TX/PULL)
BALL STATE
AFTER
RESET
(RX/TX/PULL)
MUX
MODE
AFTER
RESET
C5
EMU0
EMU0
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV_MCU
Yes
PU/PD
MCU_PADCONFIG_3
1
0x0408407C
On / Off / Up
On / Off / Up
0
B3
EMU1
EMU1
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV_MCU
Yes
PU/PD
MCU_PADCONFIG_3
2
0x04084080
On / Off / Up
On / Off / Up
0
MCU_OBSCLK0
15
O
A18
EXT_REFCLK1
EXT_REFCLK1
0
I
1.8 V/3.3 V
LVCMOS
VDDSHV0
Yes
PU/PD
PADCONFIG_157
0x000F4274
Off / Off / Off
Off / Off / Off
7
SYNC1_OUT
1
O
SPI2_CS3
2
IO
CLKOUT0
5
O
GPIO1_69
7
IO
R21
GPMC0_AD0
GPMC0_AD0
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV3
Yes
PU/PD
PADCONFIG_15
0x000F403C
On / Off / Off
On / Off / Off
7
FSI_RX2_CLK
1
I
UART2_RXD
2
I
EHRPWM0_SYNCI
3
I
TRC_CLK
6
O
GPIO0_15
7
IO
BOOTMODE00
Bootstrap
I
R20
GPMC0_AD1
GPMC0_AD1
0
IO
1.8 V/3.3 V
LVCMOS
VDDSHV3
Yes
PU/PD
PADCONFIG_16
0x000F4040
On / Off / Off
On / Off / Off
7
FSI_RX2_D0
1
I
UART2_TXD
2
O
EHRPWM0_SYNCO
3
O
TRC_CTL
6
O
GPIO0_16
7
IO
PRG0_PWM2_TZ_OUT
9
O
BOOTMODE01
Bootstrap
I
AM2434, AM2432, AM2431
SPRSP65B – APRIL 2021 – REVISED JULY 2021
www.ti.com
76
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com