Electronic Components Datasheet Search
  English  ▼

X  

TMUX1248 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1248
Description  TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1248 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX1248 Datasheet HTML 8Page - Texas Instruments TMUX1248 Datasheet HTML 9Page - Texas Instruments TMUX1248 Datasheet HTML 10Page - Texas Instruments TMUX1248 Datasheet HTML 11Page - Texas Instruments TMUX1248 Datasheet HTML 12Page - Texas Instruments TMUX1248 Datasheet HTML 13Page - Texas Instruments TMUX1248 Datasheet HTML 14Page - Texas Instruments TMUX1248 Datasheet HTML 15Page - Texas Instruments TMUX1248 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
6.8 Electrical Characteristics (VDD = 1.2 V ±10 %), GND = 0 V unless otherwise specified.
at TA = 25°C, VDD = 1.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0 V to VDD
IDS = 10 mA
25°C
70
Ω
–40°C to +85°C
105
Ω
–40°C to +125°C
105
Ω
ΔRON
On-resistance matching between
channels
VS = 0 V to VDD
IDS = 10 mA
25°C
0.4
Ω
–40°C to +85°C
1.5
Ω
–40°C to +125°C
1.5
Ω
RON
FLAT
On-resistance flatness
VS = 0 V to VDD
IDS = 10 mA
25°C
65
Ω
IS(OFF)
Source off leakage current(1)
VDD = 1.32 V
Switch Off
VD = 1.2 V / 1 V
VS = 1 V / 1.2 V
25°C
±75
nA
–40°C to +85°C
–150
150
nA
–40°C to +125°C
–175
175
nA
ID(ON)
IS(ON)
Channel on leakage current
VDD = 1.32 V
Switch On
VD = VS = 1 V / 0.8 V
25°C
±200
nA
–40°C to +85°C
–500
500
nA
–40°C to +125°C
–750
750
nA
DIGITAL INPUTS
VIH
Input logic high
–40°C to +125°C
0.96
V
VIL
Input logic low
–40°C to +125°C
0.36
V
IIH
IIL
Input leakage current
25°C
±0.005
µA
IIH
IIL
Input leakage current
–40°C to +125°C
±0.10
µA
CIN
Digital input capacitance
25°C
1
pF
CIN
Digital input capacitance
–40°C to +125°C
2
pF
POWER SUPPLY
IDD
VDD supply current
Digital Inputs = 0 V or 5.5 V
25°C
0.0015
µA
–40°C to +125°C
0.45
µA
TMUX1248
SCDS447 – JULY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com