Electronic Components Datasheet Search
  English  ▼

X  

TMUX1248 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1248
Description  TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1248 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1248 Datasheet HTML 17Page - Texas Instruments TMUX1248 Datasheet HTML 18Page - Texas Instruments TMUX1248 Datasheet HTML 19Page - Texas Instruments TMUX1248 Datasheet HTML 20Page - Texas Instruments TMUX1248 Datasheet HTML 21Page - Texas Instruments TMUX1248 Datasheet HTML 22Page - Texas Instruments TMUX1248 Datasheet HTML 23Page - Texas Instruments TMUX1248 Datasheet HTML 24Page - Texas Instruments TMUX1248 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX12xx family offers good system performance across a wide operating supply (1.08 V to 5.5 V). These
devices include 1.8 V logic compatible control input pins that enable operation in systems with 1.8 V I/O rails.
Additionally, the control input pin supports Fail-Safe Logic which allows for operation up to 5.5 V, regardless
of the state of the supply pin. This protection stops the logic pins from back-powering the supply rail. These
features of the TMUX12xx, a family of general purpose multiplexers and switches, reduce system complexity,
board size, and overall system cost.
9.2 Typical Application
9.2.1 Switchable Operational Amplifier Gain Setting
Another example application of the TMUX1248 is to change an Op Amp from unity gain setting to an inverting
amplifier configuration. Utilizing a switch allows a system to have a configurable gain and allows the same
architecture to be utilized across the board for various inputs to the system. Figure 9-1 shows the TMUX1248
configured for gain setting application.
TLV9001
Inverting
Input
Output
Unity Gain
R
R
TMUX1248
1.8 V
S1
D
S2
SEL
Figure 9-1. Switchable Op Amp Gain Setting
9.2.1.1 Design Requirements
This design example uses the parameters listed in Table 9-1.
Table 9-1. Design Parameters
PARAMETERS
VALUES
Input Signal
0 V to 2.75 V
Mux Supply (VDD)
2.75 V
Op Amp Supply (V+/ V-)
±2.75 V
Mux I/O signal range
0 V to VDD (Rail to Rail)
Control logic thresholds
1.8 V compatible (up to 5.5 V)
www.ti.com
TMUX1248
SCDS447 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com