Electronic Components Datasheet Search
  English  ▼

X  

TMUX1248 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1248
Description  TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1248 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX1248 Datasheet HTML 16Page - Texas Instruments TMUX1248 Datasheet HTML 17Page - Texas Instruments TMUX1248 Datasheet HTML 18Page - Texas Instruments TMUX1248 Datasheet HTML 19Page - Texas Instruments TMUX1248 Datasheet HTML 20Page - Texas Instruments TMUX1248 Datasheet HTML 21Page - Texas Instruments TMUX1248 Datasheet HTML 22Page - Texas Instruments TMUX1248 Datasheet HTML 23Page - Texas Instruments TMUX1248 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
8.3.3 1.8 V Logic Compatible Inputs
The TMUX1248 has 1.8 V logic compatible control for the logic control input (SEL). The logic input threshold
scales with supply but still provides 1.8 V logic control when operating at 5.5 V supply voltage. 1.8 V logic
level inputs allow the TMUX1248 to interface with processors that have lower logic I/O rails and eliminates the
need for an external translator, which saves both space and BOM cost. For more information on 1.8 V logic
implementations refer to Simplifying Design with 1.8 V logic Muxes and Switches.
8.3.4 Fail-Safe Logic
The TMUX1248 supports Fail-Safe Logic on the control input pin (SEL) allowing for operation up to 5.5 V,
regardless of the state of the supply pin. This feature allows voltages on the control pin to be applied before the
supply pin, or allows higher voltages on the SEL pin up to 5.5 V, protecting the device from potential damage.
Fail-Safe Logic minimizes system complexity by removing the need for power supply sequencing on the logic
control pin. For example, the Fail-Safe Logic feature allows the select pin of the TMUX1248 to be ramped to 5.5
V while VDD = 0 V. Additionally, the feature enables operation of the TMUX1248 with VDD = 1.2 V while allowing
the select pin to interface with a logic level of another device up to 5.5 V.
8.4 Device Functional Modes
The select (SEL) pin of the TMUX1248 controls which switch is connected to the drain of the device. When a
given input is not selected, that source pin is in high impedance mode (HI-Z). The control pins can be as high as
5.5 V.
The TMUX1248 can be operated without any external components except for the supply decoupling capacitors.
Unused logic control pins should be tied to GND or VDD in order to ensure the device does not consume
additional current as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path inputs (Sx
or D) should be connected to GND.
8.5 Truth Tables
Table 8-1. TMUX1248 Truth Table
CONTROL
LOGIC (SEL)
Selected Source (Sx) Connected To Drain (D) Pin
0
S1
1
S2
TMUX1248
SCDS447 – JULY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com