Electronic Components Datasheet Search
  English  ▼

X  

TMUX1248 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1248
Description  TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1248 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1248 Datasheet HTML 1Page - Texas Instruments TMUX1248 Datasheet HTML 2Page - Texas Instruments TMUX1248 Datasheet HTML 3Page - Texas Instruments TMUX1248 Datasheet HTML 4Page - Texas Instruments TMUX1248 Datasheet HTML 5Page - Texas Instruments TMUX1248 Datasheet HTML 6Page - Texas Instruments TMUX1248 Datasheet HTML 7Page - Texas Instruments TMUX1248 Datasheet HTML 8Page - Texas Instruments TMUX1248 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................4
6.5 Electrical Characteristics (VDD = 5 V ±10 %),
GND = 0 V unless otherwise specified. ........................6
6.6 Electrical Characteristics (VDD = 3.3 V ±10 %),
GND = 0 V unless otherwise specified. ........................8
6.7 Electrical Characteristics (VDD = 1.8 V ±10 %),
GND = 0 V unless otherwise specified. ......................10
6.8 Electrical Characteristics (VDD = 1.2 V ±10 %),
GND = 0 V unless otherwise specified. ......................12
6.9 Typical Characteristics.............................................. 14
7 Parameter Measurement Information.......................... 15
7.1 On-Resistance.......................................................... 15
7.2 Off-Leakage Current................................................. 15
7.3 On-Leakage Current................................................. 16
7.4 Transition Time......................................................... 16
7.5 Break-Before-Make...................................................17
7.6 Charge Injection........................................................17
7.7 Off Isolation...............................................................18
7.8 Crosstalk................................................................... 18
7.9 Bandwidth................................................................. 19
8 Detailed Description......................................................19
8.1 Overview................................................................... 19
8.2 Functional Block Diagram......................................... 19
8.3 Feature Description...................................................19
8.4 Device Functional Modes..........................................20
8.5 Truth Tables.............................................................. 20
9 Power Supply Recommendations................................22
10 Layout...........................................................................23
10.1 Layout Guidelines................................................... 23
10.2 Layout Example...................................................... 23
11 Device and Documentation Support..........................24
11.1 Documentation Support.......................................... 24
11.2 Receiving Notification of Documentation Updates.. 24
11.3 Support Resources................................................. 24
11.4 Trademarks............................................................. 24
11.5 Electrostatic Discharge Caution.............................. 24
11.6 Glossary.................................................................. 24
12 Mechanical, Packaging, and Orderable
Information.................................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
July 2021
*
Initial Release
TMUX1248
SCDS447 – JULY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com