Electronic Components Datasheet Search
  English  ▼

X  

PSN1 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # PSN1
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PSN1 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  PSN1 Datasheet HTML 1Page - M-System Co.,Ltd. PSN1 Datasheet HTML 2Page - M-System Co.,Ltd. PSN1 Datasheet HTML 3Page - M-System Co.,Ltd. PSN1 Datasheet HTML 4Page - M-System Co.,Ltd. PSN1 Datasheet HTML 5Page - M-System Co.,Ltd. PSN1 Datasheet HTML 6Page - M-System Co.,Ltd. PSN1 Datasheet HTML 7Page - M-System Co.,Ltd. PSN1 Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: PSN1
PSN1 SPECIFICATIONS
ES-4857 Rev.18 Page 4/8
http://www.m-system.co.jp/
supplies current to the motor in order to warm up and
maintain its surface temperature at 5°C or 41°F
(approximate).
Maintain the power supply ON when this unit is used in the
ambient temperature below 0°C or 32°F.
• Sealing Spring
The PSN is incorporated with springs to maintain sealing
pressure when the valve is fully closed. Choose an
appropriate sealing pressure.
These springs provide the same pressure at both fully
closed and fully open positions.
Do not apply a greater pressure to the spring than specified.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com