Electronic Components Datasheet Search
  English  ▼

X  

PSN1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PSN1
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PSN1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PSN1 Datasheet HTML 1Page - M-System Co.,Ltd. PSN1 Datasheet HTML 2Page - M-System Co.,Ltd. PSN1 Datasheet HTML 3Page - M-System Co.,Ltd. PSN1 Datasheet HTML 4Page - M-System Co.,Ltd. PSN1 Datasheet HTML 5Page - M-System Co.,Ltd. PSN1 Datasheet HTML 6Page - M-System Co.,Ltd. PSN1 Datasheet HTML 7Page - M-System Co.,Ltd. PSN1 Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: PSN1
PSN1 SPECIFICATIONS
ES-4857 Rev.18 Page 1/8
http://www.m-system.co.jp/
Final Control Elements
SERVO-TOP II ELECTRONIC ACTUATOR
(linear type; max. thrust 3000 N)
Functions & Features
• Control valve actuator drive
• Lightweight, compact design
• High reliability without electrical contacts
• Friendly user interface
• High resolution stepping motor
• Failsafe (safety shutdown) function optional
MODEL: PSN1–4[1][2]–[3][4][5]
ORDERING INFORMATION
• Code number: PSN1-4[1][2]-[3][4][5]
Specify a code from below for each of [1] through [5].
(e.g. PSN1-421-AK3/E)
• Use Ordering Information Sheet (No. ESU-4857). Default
setting (table below) will be used if not otherwise specified.
PARAMETER
DEFAULT
Action
Reverse
Operation at abnormally low input
Stop
Output stem extended end
Longest
Output stem retracted end
Shortest
Ex-factory stem position
Shortest
Extended side limiter
0%
Retracted side limiter
100%
Full-open/-closed signal (extended)
2%
Full-open/-closed signal (retracted)
98%
Split range
Without
Split range type
LO
Split point
50%
Opening/closing speed
2.03 mm/s
Deadband
0.5%
Restart limiting timer
2 sec.
Failsafe target position *1
0%
Failsafe opening/closing speed *1
2.03 mm/s
*1. Failsafe function option.
STROKE
4: 0 to 40 mm (0” to 1.57”)
[1] SEALING SPRING
1: 1500 N use
2: 3000 N use
[2] OUTPUT STEM TYPE
1: M14 male screw, pitch 1.5
2: Stem button
[3] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[4] POWER INPUT
AC Power
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
(CE not available)
L3: 200 – 240 V AC
(Operational voltage range 180 – 264 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[5] OPTIONS
Failsafe Function (emergency use)
blank: Without
/E: With
Wiring conduits
blank: G 1/2"
/C: G 3/4"
(Not available for option /E)
RELATED PRODUCTS
• Manual operation handle (model: HPSN)
• Programming Unit (model: PU-2x)
• Backup battery (model: PSN-BAT)
GENERAL SPECIFICATIONS
Degree of protection: IP66
Action: Direct or reverse; field selectable with DIP switches
In “reverse” action, the output stem is retracted with an
input signal increase.
Operation at abnormally low input: Extend, retract or stop;
field selectable with DIP switches
Detectable input drop level: 0.37 ±0.1 V DC; converted into
voltage
Wiring conduits: G 1/2 female thread (two)


Similar Part No. - PSN1

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSN1000A ZCOMM-PSN1000A Datasheet
47Kb / 2P
PHASE LOCKED LOOP
PSN1000A-LF ZCOMM-PSN1000A-LF Datasheet
74Kb / 2P
Satellite Communications
PSN1045A ZCOMM-PSN1045A Datasheet
82Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSN1045A ZCOMM-PSN1045A_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSN1070A ZCOMM-PSN1070A Datasheet
82Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - PSN1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1G MSYSTEM-PSN1G Datasheet
160Kb / 6P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP MSYSTEM-PRP Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com