Electronic Components Datasheet Search
  English  ▼

X  

PSN1 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # PSN1
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PSN1 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  PSN1 Datasheet HTML 1Page - M-System Co.,Ltd. PSN1 Datasheet HTML 2Page - M-System Co.,Ltd. PSN1 Datasheet HTML 3Page - M-System Co.,Ltd. PSN1 Datasheet HTML 4Page - M-System Co.,Ltd. PSN1 Datasheet HTML 5Page - M-System Co.,Ltd. PSN1 Datasheet HTML 6Page - M-System Co.,Ltd. PSN1 Datasheet HTML 7Page - M-System Co.,Ltd. PSN1 Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: PSN1
PSN1 SPECIFICATIONS
ES-4857 Rev.18 Page 2/8
http://www.m-system.co.jp/
(G 3/4 female thread (two) for /C)
Terminal block: 7.62 mm pitch; M3 screw terminals (torque
0.5 N·m)
Screw terminal: Nickel-plated brass
Housing material: Diecast aluminum
Coating: Silver color
Drive: Stepping motor
Insulation class: E
Power control element: Power MOS-FET
Position detection: Brushless angle sensor
Full-open and full-closed positions: Any point within the full
stroke; minimum stroke 8 % of the full stroke; field
adjustable with control buttons
Full-open/-closed (extended) signal adj.: 0 – 25 %
Full-open/-closed (retracted) signal adj.: 75 – 100 %
Extended side limiter adjustment: -5 – +25 %
Retracted side limiter adjustment: 75 – 105 %
Deadband adjustment: 0.1 – 5.0 %
Restart limiting timer adjustment: 0 – 30 sec.
Opening/closing speed adjustment: 0.30 – 5.65 mm/s
Failsafe target position adjustment: 0 – 100 % (with failsafe
function only)
Isolation
AC powered: Signal to power to sequential signal to
battery status (with failsafe function only) to metallic
housing
DC powered: Signal or power to sequential signal to
battery status (with failsafe function only) to metallic
housing
Fuse
AC powered: 3 A (replaceable)
DC powered: 4 A (replaceable)
Protective functions: Error detection, abnormal temperature
increase protection, motor preheat
Power indicator: Green LED turns on with power supplied.
Input indicator: Green LED turns on with normal input
Alarm indicator: Red LED turns on in error; blinks in 1-sec.
intervals when abnormal temperature increase is detected.
Manual operation: Available
Adjustments: Programming Unit (model: PU-2x); Full-
open/full-closed positions, extended/retracted side limiters,
full-open/full-closed signals, split range, opening/closing
speed, deadband, restart limiting timer, failsafe
opening/closing speed (with failsafe function only), failsafe
target position (with failsafe function only)
■ Battery (failsafe function option)
Battery chemistry: NiCad
Battery ambient temperature
Charge: 0 to 55°C (32 to 131°F)
Storage: -20 to +55°C (-4 to +131°F), short term
-20 to +45°C (-4 to +113°F), long term
Battery life: Rechargeable up to 500 times; or 3 years,
whichever is shorter, depending upon conditions of use
Drive capacity: Once
Charge method: Trickle charge after full rapid charge
Charge time: 180 minutes (completely discharged)
Battery status indicator LED: Turns on with full charge; turns
off with the power removed.
Charge indicator LED: Turns on during rapid charge
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
• Forced Operation: External contact signal input terminals
provided for compulsory retracting or extending operation
Rating: 5 V DC @ 2.5 mA
Detection levels:
≤ 500 Ω, ≤ 1 V for ON;
≥ 10 kΩ, ≥ 4 V for OFF
■ Split Range: Specify split range type and split point.
Split range type: LO or HI
Split point: 30 – 70 %
0
Adjustable Split Point Range
100%
50
30
70
Retracted End
Extended End
Split Range Type Set to “LO”
(Set to “DIRECT” Action)
Split Range Type Set to “HI”
(Set to “REVERSE” Action)
Thick, solid lines indicate
examples of I/O characteristics,
while broken lines indicate
limits of adjustable range.
INPUT (%)
OUTPUT SPECIFICATIONS
■ Position Signal: 4 – 20 mA DC
Load resistance: ≤ 300 Ω
• Sequential Control Signal: "Full-open", "full-closed" and
"alarm"
Open collector: 30 V DC @ 100 mA max.
Saturation voltage: 1 V DC
■ Failsafe Function (optional)
Battery status output: Outputs a signal in synchronization
with the battery status indicator; ON with full charge and
OFF with the power removed.
Open collector: 30 V DC @ 100 mA
Saturation voltage: 1 V DC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com