Electronic Components Datasheet Search
  English  ▼

X  

PSN1 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # PSN1
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PSN1 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  PSN1 Datasheet HTML 1Page - M-System Co.,Ltd. PSN1 Datasheet HTML 2Page - M-System Co.,Ltd. PSN1 Datasheet HTML 3Page - M-System Co.,Ltd. PSN1 Datasheet HTML 4Page - M-System Co.,Ltd. PSN1 Datasheet HTML 5Page - M-System Co.,Ltd. PSN1 Datasheet HTML 6Page - M-System Co.,Ltd. PSN1 Datasheet HTML 7Page - M-System Co.,Ltd. PSN1 Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: PSN1
PSN1 SPECIFICATIONS
ES-4857 Rev.18 Page 5/8
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
182 (7.17)
101 (3.98)
81 (3.19)
4–ø9 (.35) MTG HOLE
YOKE CONNECTION
55
(2.17)
SPACE REQUIRED TO REMOVE COVER
2–G 1/2
CONDUIT
M14, 1.5 (.06) PITCH
MANUAL OPERATION
STEM, 8 (.31) sq.
YOKE SURFACE
ø9 (.35)
140°
30.5
(1.20)
22.5
(.89)
ø15 (.59)
ø14 (.55)
ø10 (.39)
ø15 (.59)
• Output Stem Detail with Stem Button Option
INDICATOR DETAIL
(accessory with the stem button option)
STEM BUTTON DETAIL
0 (2.37)
ø60–0.1 (2.35)
■ CONDUIT G 1/2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com