Electronic Components Datasheet Search
  English  ▼

X  

MIC6211 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC6211
Description  Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6211 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC6211 Datasheet HTML 3Page - Microchip Technology MIC6211 Datasheet HTML 4Page - Microchip Technology MIC6211 Datasheet HTML 5Page - Microchip Technology MIC6211 Datasheet HTML 6Page - Microchip Technology MIC6211 Datasheet HTML 7Page - Microchip Technology MIC6211 Datasheet HTML 8Page - Microchip Technology MIC6211 Datasheet HTML 9Page - Microchip Technology MIC6211 Datasheet HTML 10Page - Microchip Technology MIC6211 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006346A-page 7
MIC6211
2.0
TYPICAL PERFORMANCE CURVES
1.0
1.1
1.2
1.3
1.4
-40 -20
0
20
40
60
80 100
V
S = ±15V
V
S
= 5V
TEMPERATURE (oC)
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
FIGURE 2-1:
Supply Current vs.
Temperature.
30
40
50
60
70
80
90
-40 -20
0
20
40
60
80 100
V
S = 5V
V
S
= ±15V
TEMPERATURE (oC)
FIGURE 2-2:
Input Bias Current vs.
Temperature.
0
5
10
15
20
-40 -20
0
20
40
60
80 100
V
S = ±15V
V
S = 5V
TEMPERATURE (oC)
FIGURE 2-3:
Input Offset Current vs.
Temperature.
0
0.5
1.0
1.5
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
FIGURE 2-4:
Supply Current vs. Supply
Voltage.
-20
0
20
40
60
80
100
120
FREQUENCY (kHz)
V
S = ±15V
FIGURE 2-5:
Voltage Gain vs. Frequency.
-20
-10
0
10
20
30
270
225
180
135
90
45
0.1
1.0
10
FREQUENCY (MHz)
VS = ±15V
72o
PHASE
GAIN
FIGURE 2-6:
Gain and Phase vs.
Frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com