Electronic Components Datasheet Search
  English  ▼

X  

MIC6211 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC6211
Description  Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6211 Datasheet(HTML) 1 Page - Microchip Technology

  MIC6211 Datasheet HTML 1Page - Microchip Technology MIC6211 Datasheet HTML 2Page - Microchip Technology MIC6211 Datasheet HTML 3Page - Microchip Technology MIC6211 Datasheet HTML 4Page - Microchip Technology MIC6211 Datasheet HTML 5Page - Microchip Technology MIC6211 Datasheet HTML 6Page - Microchip Technology MIC6211 Datasheet HTML 7Page - Microchip Technology MIC6211 Datasheet HTML 8Page - Microchip Technology MIC6211 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006346A-page 1
MIC6211
Features
• 4V to 32V Operation
• Small Footprint Package
• Unity Gain Stable
• 2.5 MHz Unity Gain Bandwidth
• Rail-to-Rail Output
• 6 V/μs Typical Slew Rate
• Short Circuit Protected
Applications
• Analog Blocks
• Data Acquisition
• Sensor Interface
• Portable Instrumentation
• Active Filtering
General Description
The MIC6211 op amp is a general-purpose, high
performance, single- or split-supply, operational
amplifier in a space-saving, surface-mount package.
The MIC6211 operates from 4V to 32V, single or
differential (split) supply. The input common-mode
range includes ground. The device features a 2.5 MHz
unity gain bandwidth, 6 V/μs slew rate, and is internally
unity-gain compensated.
Inputs are protected against reverse polarity (input
voltage less than V–) and ESD (electrostatic
discharge). Output is current-limited for both sourcing
and sinking. Output short-circuits of unlimited duration
are
allowed,
provided
the
power
dissipation
specification is not exceeded.
The MIC6211 is available in the tiny, 5-lead SOT-23-5
surface-mount package.
Package Type
Pin Configuration
SOT23–5 (M5)
Functional Configuration
SOT23–5 (M5)
OUT
V+
IN–
IN+
1
3
45
2
V–
Part
Identification
OUT
V+
IN–
IN+
A11
1
3
45
2
V–
Operational Amplifier


Similar Part No. - MIC6211

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6211 MICREL-MIC6211 Datasheet
137Kb / 8P
IttyBitty??Operational Amplifier Preliminary Information
MIC6211-BM5 MICREL-MIC6211-BM5 Datasheet
972Kb / 7P
IttyBitty Operational Amplifier
MIC6211-YM5 MICREL-MIC6211-YM5 Datasheet
972Kb / 7P
IttyBitty Operational Amplifier
MIC6211BM5 MICREL-MIC6211BM5 Datasheet
137Kb / 8P
IttyBitty??Operational Amplifier Preliminary Information
MIC6211 MICREL-MIC6211_06 Datasheet
972Kb / 7P
IttyBitty Operational Amplifier
More results

Similar Description - MIC6211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com