Electronic Components Datasheet Search
  English  ▼

X  

MIC6211 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC6211
Description  Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6211 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC6211 Datasheet HTML 8Page - Microchip Technology MIC6211 Datasheet HTML 9Page - Microchip Technology MIC6211 Datasheet HTML 10Page - Microchip Technology MIC6211 Datasheet HTML 11Page - Microchip Technology MIC6211 Datasheet HTML 12Page - Microchip Technology MIC6211 Datasheet HTML 13Page - Microchip Technology MIC6211 Datasheet HTML 14Page - Microchip Technology MIC6211 Datasheet HTML 15Page - Microchip Technology MIC6211 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
-20
-10
0
10
20
30
FREQUENCY (Hz)
1 10
1k
100k
MIC6211
DS20006346A-page 12
 2020 Microchip Technology Inc.
FIGURE 4-5:
High-Pass Filter Response.
4.6
Summing Amplifier
Figure 4-5 is a single supply summing amplifier. In this
configuration, the output voltage is the sum of V1 and
V2, minus the sum of V3 and V4. By adding more
resistors to either the inverting or non-inverting input,
more voltages may be summed. This single supply
version has one important restriction: the sum of V1
and V2 must exceed the sum of V3 and V4, since the
output voltage cannot pull below zero with only a single
supply.
VOUT
V2
V4
V3
V1
R
R
R
R
R
R
All resistors are equal.
V
OUT = V1 + V2 – V3 – V4
V1 + V2 > V3 + V4 for single supply operation
1
3
4
FIGURE 4-6:
Summing Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com