Electronic Components Datasheet Search
  English  ▼

X  

MIC6211 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC6211
Description  Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6211 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC6211 Datasheet HTML 7Page - Microchip Technology MIC6211 Datasheet HTML 8Page - Microchip Technology MIC6211 Datasheet HTML 9Page - Microchip Technology MIC6211 Datasheet HTML 10Page - Microchip Technology MIC6211 Datasheet HTML 11Page - Microchip Technology MIC6211 Datasheet HTML 12Page - Microchip Technology MIC6211 Datasheet HTML 13Page - Microchip Technology MIC6211 Datasheet HTML 14Page - Microchip Technology MIC6211 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006346A-page 11
MIC6211
4.0
APPLICATION INFORMATION
4.1
Common-Mode Range and Output
Voltage
The input common-mode range of the MIC6211 is from
the negative supply voltage to 1.2V below the positive
supply voltage. The output voltage swings within 1V of
the positive and negative supply voltage.
4.2
Voltage Buffer
Figure 4-1 shows a standard voltage follower/buffer.
The output voltage equals the input voltage. This circuit
is used to buffer a high impedance signal source. This
circuit works equally well with single or split supplies.
3
1
4
V
IN
VOUT= VIN
V
OUT
FIGURE 4-1:
Voltage Buffer.
4.3
Inverting Amplifier
Figure 4-2 shows an inverting amplifier with its gain set
by the ratio of two resistors. This circuit works best with
split supplies, but will perform with single supply
systems if the non-inverting input (+ input) is biased up
above ground.
3
1
4
V
IN
V
OUT
R1
R2
VOUT = –VIN
R1
R2
⎛
⎜⎝
⎛
⎜ ⎝
FIGURE 4-2:
Inverting Amplifier.
4.4
Voltage Controlled Current Sink
Figure 4-3 is a voltage controlled current sink. A buffer
transistor forces current through a programming
resistor until the feedback loop is satisfied. Current flow
is VIN/R. This circuit works with single or split supplies.
3
1
4
V
IN
R
I
V
IN
R
FIGURE 4-3:
Voltage Controlled Current
Sink.
4.5
High-Pass Filter
Figure 4-4 is an active filter with 20 dB (10×) gain and
a
low
frequency
cutoff
of
10 Hz. The
high
gain-bandwidth of the MIC6211 allows operation
beyond 100 kHz. This filter configuration is designed
for split supplies.
1μF
1μF
4
3
332k
0.1μF
7.5k
VIN
VOUT
1
FIGURE 4-4:
High–Pass Filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com